Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 120 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 120 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 116Page - STMicroelectronics AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics AN3350 Datasheet HTML 120Page - STMicroelectronics AN3350 Datasheet HTML 121Page - STMicroelectronics AN3350 Datasheet HTML 122Page - STMicroelectronics AN3350 Datasheet HTML 123Page - STMicroelectronics AN3350 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 185 page
background image
Predefined macros
AN3350
120/185
Doc ID 018512 Rev 2
15.6
__FILE__
Preprocessor macro of the name of the source code file being compiled.
Syntax
__FILE__
Remarks
The compiler defines this macro as a character string literal value of the name of the file
being compiled, or the name specified in the last instance of a #line directive.
15.7
__func__
Predefined variable of the name of the function being compiled.
Prototype
static const char __func__[] = "function-name";
Remarks
The compiler implicitly defines this variable at the beginning of each function if the function
refers to __func__. The character string contained by this array, function-name, is the
name of the function being compiled.
This implicit variable is undefined outside of a function body. This variable is also undefined
when C99 (ISO/IEC 9899-1999) or GCC (GNU Compiler Collection) extension settings are
off.
15.8
__FUNCTION__
Predefined variable of the name of the function being compiled.
Prototype
static const char __FUNCTION__[] = "function-name";
Remarks
The compiler implicitly defines this variable at the beginning of each function if the function
refers to __FUNCTION__. The character string contained by this array, function-name, is the
name of the function being compiled.
This implicit variable is undefined outside of a function body.
15.9
__ide_target()
Preprocessor operator for querying the IDE about the active build target.
Syntax
__ide_target("target_name")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More