Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 112 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 112 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 108Page - STMicroelectronics AN3350 Datasheet HTML 109Page - STMicroelectronics AN3350 Datasheet HTML 110Page - STMicroelectronics AN3350 Datasheet HTML 111Page - STMicroelectronics AN3350 Datasheet HTML 112Page - STMicroelectronics AN3350 Datasheet HTML 113Page - STMicroelectronics AN3350 Datasheet HTML 114Page - STMicroelectronics AN3350 Datasheet HTML 115Page - STMicroelectronics AN3350 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 185 page
background image
Intermediate optimizations
AN3350
112/185
Doc ID 018512 Rev 2
The rest of this section explains how to specify which functions to inline and how the
compiler performs the inlining:
●
Choosing which functions to inline
●
Inlining techniques
13.2.1
Choosing which functions to inline
The compiler offers several methods to specify which functions are eligible for inlining.
To specify that a function is eligible to be inlined, precede its definition with the inline,
__inline__
, or __inline keyword. To allow these keywords in C source code turn off the
only_std_keywords
pragma in your source code.
To verify that an eligible function has been inlined or not, use the Non-Inlined Functions
option in the IDE’s C/C++ Warnings panel or the warn_notinlined pragma. Example 67
shows an example.
Example 67 Specifying to the compiler that a function may be inlined
#pragma only_std_keywords off
inline int attempt_to_inline(void)
{
return 10;
}
To specify that a function must never be inlined, follow its definition’s specifier with
__attribute__((never_inline))
.Example 68 shows an example.
Example 68 Specifying to the compiler that a function must never be inlined
int never_inline(void) __attribute__((never_inline))
{
return 20;
}
To specify that no functions in a file may be inlined, including those that are defined with the
inline
, __inline__, or __inline keywords, use the dont_inline pragma.Example
69 shows an example.
Example 69 Specifying that no functions may be inlined
#pragma dont_inline on
/* Will not be inlined. */
inline int attempt_to_inline(void)
{
return 10;
}
/* Will not be inlined. */
int never_inline(void) __attribute__((never_inline))
{
return 20;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More