Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 109 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 109 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 105Page - STMicroelectronics AN3350 Datasheet HTML 106Page - STMicroelectronics AN3350 Datasheet HTML 107Page - STMicroelectronics AN3350 Datasheet HTML 108Page - STMicroelectronics AN3350 Datasheet HTML 109Page - STMicroelectronics AN3350 Datasheet HTML 110Page - STMicroelectronics AN3350 Datasheet HTML 111Page - STMicroelectronics AN3350 Datasheet HTML 112Page - STMicroelectronics AN3350 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 185 page
background image
AN3350
Intermediate optimizations
Doc ID 018512 Rev 2
109/185
For example, in Example 61, the assignment to the variable circ does not refer to the
counter variable of the for loop, i. But the assignment to circ will be executed at each
loop iteration.
Example 62 shows source code that is equivalent to how the compiler would rearrange
instructions after applying this optimization. The compiler has moved the assignment to
circ
outside the for loop so that it is only executed once instead of each time the for loop
iterates.
Example 61 Before loop-invariant code motion
void func_from(float* vec, int max, float val)
{
float circ;
int i;
for (i = 0; i < max; ++i)
{
circ = val * 2 * PI;
vec[i] = circ;
}
}
Example 62 After loop-invariant code motion
void func_to(float* vec, int max, float val)
{
float circ;
int i;
circ = val * 2 * PI;
for (i = 0; i < max; ++i)
{
vec[i] = circ;
}
}
13.1.8
Strength reduction
Strength reduction attempts to replace slower multiplication operations with faster addition
operations. This optimization improves execution speed but increases code size.
Table 24 explains how to control the optimization for strength reduction.
Table 23.
Controlling loop-invariant code motion
Turn control this option from here...
use this setting
Source code
#pragma opt_loop_invariants on | off | reset
Command line
-opt [no]loop[invariants]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More