| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 185 page ![]() Intermediate optimizations AN3350 108/185 Doc ID 018512 Rev 2 For example, in Example 59 three variables, a, b, and c, are defined. Although each variable is eventually used, each of their uses is exclusive to the others. In other words, a is not referred to in the same expressions as b or c, b is not referred to with a or c, and c is not used with a or b. In Example 60, the compiler has replaced a, b, and c, with a single variable. This optimization reduces the number of registers that the object code uses to store variables, allowing more variables to be stored in registers instead of slower memory. This optimization also reduces a function’s stack memory. Example 59 Before live range splitting void func_from(int x, int y) { int a; int b; int c; a = x * y; otherfunc(a); b = x + y; otherfunc(b); c = x - y; otherfunc(c); } Example 60 After live range splitting void func_to(int x, int y) { int a_b_or_c; a_b_or_c = x * y; otherfunc(temp); a_b_or_c = x + y; otherfunc(temp); a_b_or_c = x - y; otherfunc(temp); } 13.1.7 Loop-invariant code motion Loop-invariant code motion moves expressions out of a loop if the expressions are not affected by the loop or the loop does not affect the expression. This optimization improves execution speed. Table 23 explains how to control the optimization for loop-invariant code motion. |