Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 146 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 146 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 142Page - STMicroelectronics AN3350 Datasheet HTML 143Page - STMicroelectronics AN3350 Datasheet HTML 144Page - STMicroelectronics AN3350 Datasheet HTML 145Page - STMicroelectronics AN3350 Datasheet HTML 146Page - STMicroelectronics AN3350 Datasheet HTML 147Page - STMicroelectronics AN3350 Datasheet HTML 148Page - STMicroelectronics AN3350 Datasheet HTML 149Page - STMicroelectronics AN3350 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 185 page
background image
Pragmas for diagnostic messages
AN3350
146/185
Doc ID 018512 Rev 2
19.15
warn_filenamecaps_system
Controls the recognition of conflicts involving case-sensitive filenames within system
includes.
Syntax
#pragma warn_filenamecaps_system on | off | reset
Remarks
If you enable this pragma along with warn_filenamecaps, the compiler issues a warning
message when an #include directive capitalizes a filename within a system include
differently from the way the filename appears on a disk. It also detects use of “8.3” DOS
filenames in Windows® systems when a long filename is available. This pragma helps avoid
porting problems to operating systems with case-sensitive file names.
To check the spelling of system includes such as the following:
#include <file>
Use this pragma along with the warn_filenamecaps pragma.
By default, this pragma is off.
Note:
Some SDKs (Software Developer Kits) use “colorful” capitalization, so this pragma may
issue a lot of unwanted messages.
19.16
warn_hiddenlocals
Controls the recognition of a local variable that hides another local variable.
Syntax
#pragma warn_hiddenlocals on | off | reset
Remarks
When on, the compiler issues a warning message when it encounters a local variable that
hides another local variable. An example appears in Example 93.
Example 93 Example of hidden local variables warning
#pragma warn_hiddenlocals on
void func(int a)
{
{
int a; /* WARNING: this 'a' obscures argument 'a'.
}
}
By default, this setting is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More