| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 143 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 143 Page - STMicroelectronics |
|
143 / 185 page ![]() AN3350 Pragmas for diagnostic messages Doc ID 018512 Rev 2 143/185 Syntax #pragma warning on | off | reset (num [, ...]) This alternate syntax is allowed but ignored (message numbers do not match): #pragma warning(warning_type : warning_num_list [, warning_type: warning_num_list, ...]) Parameters num The number of the warning message to show or suppress. warning_type Specifies one of the following settings: ● Default ● Disable ● Enable warning_num_list The warning_num_list is a list of warning numbers separated by spaces. Remarks Use the pragma showmessagenumber to display warning messages with their warning numbers. This pragma only applies to front-end warnings. Using the pragma for the Power Architecture back-end warnings returns invalid message number warning. The compiler allows, but ignores, the alternative syntax for compatibility with Microsoft® compilers. This pragma does not correspond to any panel setting. By default, this pragma is on. 19.10 warning_errors Controls whether or not warnings are treated as errors. Syntax #pragma warning_errors on | off | reset Remarks If you enable this pragma, the compiler treats all warning messages as though they were errors and does not translate your file until you resolve them. 19.11 warn_any_ptr_int_conv Controls if the compiler generates a warning message when an integral type is explicitly converted to a pointer type or vice versa. |