Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 145 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 145 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 141Page - STMicroelectronics AN3350 Datasheet HTML 142Page - STMicroelectronics AN3350 Datasheet HTML 143Page - STMicroelectronics AN3350 Datasheet HTML 144Page - STMicroelectronics AN3350 Datasheet HTML 145Page - STMicroelectronics AN3350 Datasheet HTML 146Page - STMicroelectronics AN3350 Datasheet HTML 147Page - STMicroelectronics AN3350 Datasheet HTML 148Page - STMicroelectronics AN3350 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 185 page
background image
AN3350
Pragmas for diagnostic messages
Doc ID 018512 Rev 2
145/185
Example 91 Example of empty declaration in C++
#pragma warn_emptydecl on
extern "C" {
}; /* WARNING */
By default, this pragma is disabled.
19.13
warn_extracomma
Controls the recognition of superfluous commas in enumerations.
Syntax
#pragma warn_extracomma on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when it encounters a
trailing comma in enumerations. For example,Example 92 is acceptable source code but
generates a warning message when you enable this setting.
Example 92 Warning about extra commas
#pragma warn_extracomma on
enum { mouse, cat, dog, };
/* WARNING: compiler expects an identifier after final comma. */
The compiler ignores terminating commas in enumerations when compiling source code
that conforms to the ISO/IEC 9899-1999 (“C99”) standard.
By default, this pragma is disabled.
19.14
warn_filenamecaps
Controls the recognition of conflicts involving case-sensitive filenames within user includes.
Syntax
#pragma warn_filenamecaps on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when an #include
directive capitalizes a filename within a user include differently from the way the filename
appears on a disk. It also detects use of “8.3” DOS filenames in Windows® operating
systems when a long filename is available. Use this pragma to avoid porting problems to
operating systems with case-sensitive file names.
By default, this pragma only checks the spelling of user includes such as the following:
#include "file"
For more information on checking system includes, see warn_filenamecaps_system.
By default, this pragma is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More