Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 141 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 141 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 137Page - STMicroelectronics AN3350 Datasheet HTML 138Page - STMicroelectronics AN3350 Datasheet HTML 139Page - STMicroelectronics AN3350 Datasheet HTML 140Page - STMicroelectronics AN3350 Datasheet HTML 141Page - STMicroelectronics AN3350 Datasheet HTML 142Page - STMicroelectronics AN3350 Datasheet HTML 143Page - STMicroelectronics AN3350 Datasheet HTML 144Page - STMicroelectronics AN3350 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 185 page
background image
AN3350
Pragmas for diagnostic messages
Doc ID 018512 Rev 2
141/185
Remarks
When enabled, this pragma causes messages to appear with their numbers visible. You can
then use the warning pragma with a warning number to suppress the appearance of
specific warning messages.
This pragma does not correspond to any panel setting. By default, this pragma is off.
19.5
show_error_filestack
Controls the appearance of the current #include file stack within error messages
occurring inside deeply-included files.
Syntax
#pragma show_error_filestack on | off | reset
Remarks
This pragma does not correspond to any panel setting. By default, this pragma is on.
19.6
suppress_warnings
Controls the issuing of warning messages.
Syntax
#pragma suppress_warnings on | off | reset
Remarks
If you enable this pragma, the compiler does not generate warning messages, including
those that are enabled.
This pragma does not correspond to any panel setting. By default, this pragma is off.
19.7
sym
Controls the generation of debugger symbol information for subsequent functions.
Syntax
#pragma sym on | off | reset
Remarks
The compiler pays attention to this pragma only if you enable the debug marker for a file in
the IDE project window. If you disable this pragma, the compiler does not put debugging
information into the source file debugger symbol file (SYM or DWARF) for the functions that
follow.
The compiler always generates a debugger symbol file for a source file that has a debug
diamond next to it in the IDE project window. This pragma changes only which functions
have information in that symbol file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More