Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 137 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 137 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 133Page - STMicroelectronics AN3350 Datasheet HTML 134Page - STMicroelectronics AN3350 Datasheet HTML 135Page - STMicroelectronics AN3350 Datasheet HTML 136Page - STMicroelectronics AN3350 Datasheet HTML 137Page - STMicroelectronics AN3350 Datasheet HTML 138Page - STMicroelectronics AN3350 Datasheet HTML 139Page - STMicroelectronics AN3350 Datasheet HTML 140Page - STMicroelectronics AN3350 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 185 page
background image
AN3350
Pragmas for language translation
Doc ID 018512 Rev 2
137/185
Tells the compiler that the current and all subsequent files use the same text encoding. By
default, text encoding is effective only to the end of the file.
Remarks
By default, #pragma text_encoding is only effective through the end of file. To affect the
default text encoding assumed for the current and all subsequent files, supply the “global”
modifier.
By default, this setting is ASCII.
18.12
trigraphs
Controls the use trigraph sequences specified in the ISO standards.
Syntax
#pragma trigraphs on | off | reset
Remarks
If you are writing code that must strictly adhere to the ANSI standard, enable this pragma.
Note:
Use of this pragma may cause a portability problem for some targets.
Be careful when initializing strings or multi-character constants that contain question marks.
Example 83 Example of pragma trigraphs
char c = '????'; /* ERROR: Trigraph sequence expands to '??^ */
char d = '\?\?\?\?'; /* OK */
By default, this pragma is disabled.
18.13
unsigned_char
Controls whether or not declarations of type char are treated as unsigned char.
Table 27.
Trigraph table
Trigraph
Character
??=
#
??/
\
??
'^
??(
[
??)
]
??!
|
??<
{
??>
}
??-
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More