| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 133 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 133 Page - STMicroelectronics |
|
133 / 185 page ![]() AN3350 Pragmas for language translation Doc ID 018512 Rev 2 133/185 Remarks If you enable this pragma, the type of string literals is an array const char[n], or const wchar_t[n] for wide strings, where n is the length of the string literal plus 1 for a terminating NUL character. Otherwise, the type char[n] or wchar_t[n] is used. By default, this pragma is on when compiling C++ source code and off when compiling C source code. 18.4 dollar_identifiers Controls use of dollar signs ($) in identifiers. Syntax #pragma dollar_identifiers on | off | reset Remarks If you enable this pragma, the compiler accepts dollar signs ($) in identifiers. Otherwise, the compiler issues an error if it encounters anything but underscores, alphabetic, numeric character, and universal characters (\uxxxx, \Uxxxxxxxx) in an identifier. This pragma does not correspond to any panel setting. By default, this pragma is off. 18.5 gcc_extensions Controls the acceptance of GNU C language extensions. Syntax #pragma gcc_extensions on | off | reset |