Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 130 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 130 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 126Page - STMicroelectronics AN3350 Datasheet HTML 127Page - STMicroelectronics AN3350 Datasheet HTML 128Page - STMicroelectronics AN3350 Datasheet HTML 129Page - STMicroelectronics AN3350 Datasheet HTML 130Page - STMicroelectronics AN3350 Datasheet HTML 131Page - STMicroelectronics AN3350 Datasheet HTML 132Page - STMicroelectronics AN3350 Datasheet HTML 133Page - STMicroelectronics AN3350 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 185 page
background image
Pragmas for standard C conformance
AN3350
130/185
Doc ID 018512 Rev 2
Remarks
If you enable this pragma, the compiler ignores old-style function declarations and lets you
prototype a function any way you want. In old-style declarations, you specify the types of
arguments on separate lines instead of the function’s argument list. For example, the code
in Example 79 defines a prototype for a function with an old-style definition.
Example 79 Mixing old-style and prototype function declarations
int f(char x, short y, float z);
#pragma ignore_oldstyle on
f(x, y, z)
char x;
short y;
float z;
{
return (int)x+y+z;
}
#pragma ignore_oldstyle reset
This pragma does not correspond to any panel setting. By default, this setting is disabled.
17.5
only_std_keywords
Controls the use of ISO/IEC keywords.
Syntax
#pragma only_std_keywords on | off | reset
Remarks
The compiler recognizes additional reserved keywords. If you are writing source code that
must follow the ISO/IEC C standards strictly, enable the pragma only_std_keywords.
By default, this pragma is disabled.
17.6
require_prototypes
Controls whether or not the compiler should expect function prototypes.
Syntax
#pragma require_prototypes on | off | reset
Remarks
This pragma only affects non-static functions.
If you enable this pragma, the compiler generates an error message if you use a function
that does not have a preceding prototype. Use this pragma to prevent error messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More