Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 132 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 132 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 128Page - STMicroelectronics AN3350 Datasheet HTML 129Page - STMicroelectronics AN3350 Datasheet HTML 130Page - STMicroelectronics AN3350 Datasheet HTML 131Page - STMicroelectronics AN3350 Datasheet HTML 132Page - STMicroelectronics AN3350 Datasheet HTML 133Page - STMicroelectronics AN3350 Datasheet HTML 134Page - STMicroelectronics AN3350 Datasheet HTML 135Page - STMicroelectronics AN3350 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 185 page
background image
Pragmas for language translation
AN3350
132/185
Doc ID 018512 Rev 2
18
Pragmas for language translation
18.1
asmpoundcomment
Controls whether the “#” symbol is treated as a comment character in inline assembly.
Syntax
#pragma asmpoundcomment on | off | reset
Remarks
Some targets may have additional comment characters, and may treat these characters as
comments even when
#pragma asmpoundcomment off
is used.
Using this pragma may interfere with the function-level inline assembly language.
This pragma does not correspond to any panel setting. By default, this pragma is on.
18.2
asmsemicolcomment
Controls whether the “;” symbol is treated as a comment character in inline assembly.
Syntax
#pragma asmsemicolcomment on | off | reset
Remarks
Some targets may have additional comment characters, and may treat these characters as
comments even when
#pragma asmsemicolcomment off
is used.
Using this pragma may interfere with the assembly language of a specific target.
This pragma does not correspond to any panel setting. By default, this pragma is on.
18.3
const_strings
Controls the const-ness of character string literals.
Syntax
#pragma const_strings [ on | off | reset ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More