| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 105 Page - STMicroelectronics |
|
105 / 185 page ![]() AN3350 Intermediate optimizations Doc ID 018512 Rev 2 105/185 Example 52 After expression simplification void func_to(int* result1, int* result2, int* result3, int* result4, int x){ *result1 = x; *result2 = x << 1; *result3 = 0; *result4 = 5 + x; } 13.1.3 Common subexpression elimination Common subexpression elimination replaces multiple instances of the same expression with a single instance. This optimization reduces size and increases execution speed. Table 19 explains how to control the optimization for common subexpression elimination. For example, in Example 53, the subexpression x * y occurs twice. Example 53 Before common subexepression elimination void func_from(int* vec, int size, int x, int y, int value) { if (x * y < size) { vec[x * y - 1] = value; } } Example 54 shows equivalent source code after the compiler applies common subexpression elimination. The compiler generates instructions to compute x * y and store it in a hidden, temporary variable. The compiler then replaces each instance of the subexpression with this variable. Example 54 After common subexpression elimination void func_to(int* vec, int size, int x, int y, int value) { int temp = x * y; if (temp < size) { Table 19. Controlling common subexpression elimination Turn control this option from here... use this setting Source code #pragma opt_common_subs on | off | reset Command line -opt [no]cse |