| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7205 Fiches technique(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7205 Fiches technique(HTML) 10 Page - Renesas Technology Corp |
|
10 / 1904 page ![]() Rev. 1.00 Mar. 25, 2008 Page x of xxxii Section 3 Floating-Point Unit (FPU)................................................................... 91 3.1 Features................................................................................................................................ 91 3.2 Data Formats........................................................................................................................ 92 3.2.1 Floating-Point Format............................................................................................. 92 3.2.2 Non-Numbers (NaN) .............................................................................................. 95 3.2.3 Denormalized Numbers .......................................................................................... 96 3.3 Register Descriptions ...........................................................................................................97 3.3.1 Floating-Point Registers ......................................................................................... 97 3.3.2 Floating-Point Status/Control Register (FPSCR) ................................................... 98 3.3.3 Floating-Point Communication Register (FPUL) ................................................. 100 3.4 Rounding............................................................................................................................ 101 3.5 FPU Exceptions ................................................................................................................. 102 3.5.1 FPU Exception Sources ........................................................................................ 102 3.5.2 FPU Exception Handling ...................................................................................... 102 Section 4 Multi-Core Processor......................................................................... 105 4.1 Features.............................................................................................................................. 105 4.2 Register Descriptions ......................................................................................................... 106 4.2.1 CPU ID Register (CPUIDR)................................................................................. 107 4.2.2 Semaphore Registers 0 to 31 (SEMR0 to SEMR31) ............................................ 108 4.3 Operation ........................................................................................................................... 109 4.3.1 Initializing This LSI.............................................................................................. 109 4.3.2 Exclusive Control for CPUs ................................................................................. 110 Section 5 Clock Pulse Generator (CPG) ........................................................... 113 5.1 Features.............................................................................................................................. 113 5.2 Input/Output Pins...............................................................................................................117 5.3 Clock Operating Modes ..................................................................................................... 118 5.4 Register Descriptions ......................................................................................................... 123 5.4.1 Frequency Control Registers 0 and 1 (FRQCR0 and FRQCR1) .......................... 123 5.5 Changing the Frequency .................................................................................................... 128 5.5.1 Changing the Multiplication Rate ......................................................................... 128 5.5.2 Changing the Division Ratio................................................................................. 130 5.5.3 Notes on Changing the Multiplication Rate and Division Ratio........................... 131 5.6 Notes on Board Design ...................................................................................................... 132 5.6.1 Note on Inputting the External Clock ................................................................... 132 5.6.2 Note on Using a Crystal Resonator....................................................................... 132 5.6.3 Note on the Resonator........................................................................................... 133 5.6.4 Note on Using a PLL Oscillation Circuit.............................................................. 133 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |