Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 81 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 81 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 77Page - Renesas Technology Corp SH7205 Datasheet HTML 78Page - Renesas Technology Corp SH7205 Datasheet HTML 79Page - Renesas Technology Corp SH7205 Datasheet HTML 80Page - Renesas Technology Corp SH7205 Datasheet HTML 81Page - Renesas Technology Corp SH7205 Datasheet HTML 82Page - Renesas Technology Corp SH7205 Datasheet HTML 83Page - Renesas Technology Corp SH7205 Datasheet HTML 84Page - Renesas Technology Corp SH7205 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 1904 page
background image
Section 2 CPU
Rev. 1.00 Mar. 25, 2008 Page 49 of 1868
REJ09B0372-0100
2.1.4
Register Banks
For the nineteen 32-bit registers comprising general registers R0 to R14, control register GBR, and
system registers MACH, MACL, and PR, high-speed register saving and restoration can be carried
out using a register bank. The register contents are automatically saved in the bank after the CPU
accepts an interrupt that uses a register bank. Restoration from the bank is executed by issuing a
RESBANK instruction in an interrupt processing routine.
This LSI has 15 banks. For details, see the SH-2A, SH2A-FPU Software Manual and section 7.8,
Register Banks.
2.1.5
Initial Values of Registers
Table 2.1 lists the values of the registers after a reset.
Table 2.1
Initial Values of Registers
Classification
Register
Initial Value
R0 to R14
Undefined
General registers
R15 (SP)
Value of the stack pointer in the vector
address table
SR
Bits I[3:0] are 1111 (H'F), BO and CS are
0, reserved bits are 0, and other bits are
undefined
GBR, TBR
Undefined
Control registers
VBR
H'00000000
MACH, MACL, PR
Undefined
System registers
PC
Value of the program counter in the vector
address table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com