Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 97 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 97 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 93Page - Renesas Technology Corp SH7205 Datasheet HTML 94Page - Renesas Technology Corp SH7205 Datasheet HTML 95Page - Renesas Technology Corp SH7205 Datasheet HTML 96Page - Renesas Technology Corp SH7205 Datasheet HTML 97Page - Renesas Technology Corp SH7205 Datasheet HTML 98Page - Renesas Technology Corp SH7205 Datasheet HTML 99Page - Renesas Technology Corp SH7205 Datasheet HTML 100Page - Renesas Technology Corp SH7205 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1904 page
background image
Section 2 CPU
Rev. 1.00 Mar. 25, 2008 Page 65 of 1868
REJ09B0372-0100
2.4
Instruction Set
2.4.1
Instruction Set by Classification
Table 2.10 lists the instructions according to their classification.
Table 2.10
Classification of Instructions
Classification Types
Operation
Code
Function
No. of
Instructions
MOV
Data transfer
Immediate data transfer
Peripheral module data transfer
Structure data transfer
Reverse stack transfer
MOVA
Effective address transfer
MOVI20
20-bit immediate data transfer
MOVI20S
20-bit immediate data transfer
8-bit left-shit
MOVML
R0
–Rn register save/restore
MOVMU
Rn
–R14 and PR register save/restore
MOVRT
T bit inversion and transfer to Rn
MOVT
T bit transfer
MOVU
Unsigned data transfer
NOTT
T bit inversion
PREF
Prefetch to operand cache
SWAP
Swap of upper and lower bytes
Data transfer
13
XTRCT
Extraction of the middle of registers connected
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com