Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 67 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 67 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 63Page - Renesas Technology Corp SH7205 Datasheet HTML 64Page - Renesas Technology Corp SH7205 Datasheet HTML 65Page - Renesas Technology Corp SH7205 Datasheet HTML 66Page - Renesas Technology Corp SH7205 Datasheet HTML 67Page - Renesas Technology Corp SH7205 Datasheet HTML 68Page - Renesas Technology Corp SH7205 Datasheet HTML 69Page - Renesas Technology Corp SH7205 Datasheet HTML 70Page - Renesas Technology Corp SH7205 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 35 of 1868
REJ09B0372-0100
Classification
Symbol
I/O
Name
Function
Operating mode
control
ASEMD
I
ASE mode
During
RES pin assertion period,
input a low level to operate this LSI
in ASE mode. To operate it in
product chip mode, apply a high
level to this pin.
Enables the E10A-USB emulator
functions in ASE mode.
Fix a high level mode when not using
emulator functions.
RES
I
Power-on reset
This LSI enters the power-on reset
state when this signal goes low.
MRES
I
Manual reset
This LSI enters the manual reset
state when this signal goes low.
System control
WDTOVF
O
Watchdog timer
overflow
Outputs an overflow signal from the
WDT.
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request pin.
Fix it high when not in use.
IRQ7 to IRQ0
I
Interrupt requests
7 to 0
Maskable interrupt request pins.
Level-input or edge-input detection
can be selected. When the edge-
input detection is selected, the rising
edge, falling edge, or both edges can
also be selected.
Interrupts
PINT7 to PINT0 I
Interrupt requests
7 to 0
Maskable interrupt request pins.
Only level-input detection can be
selected.
User break
controller (UBC)
UBCTRG
O
User break
trigger output
Trigger output pin for UBC condition
match.
Address bus
A25 to A0
O
Address bus
Outputs addresses.
Data bus
D31 to D0
I/O
Data bus
Bidirectional data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com