Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 37 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 37 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 33Page - Renesas Technology Corp SH7205 Datasheet HTML 34Page - Renesas Technology Corp SH7205 Datasheet HTML 35Page - Renesas Technology Corp SH7205 Datasheet HTML 36Page - Renesas Technology Corp SH7205 Datasheet HTML 37Page - Renesas Technology Corp SH7205 Datasheet HTML 38Page - Renesas Technology Corp SH7205 Datasheet HTML 39Page - Renesas Technology Corp SH7205 Datasheet HTML 40Page - Renesas Technology Corp SH7205 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 5 of 1868
REJ09B0372-0100
Items
Specification
Bus state controller
(BSC)
• Address space
 Six areas of CS0 to CS5 and SDRAM space, each a maximum of
64 Mbytes
 Data bus width selectable for each area (8, 16, or 32 bits)
 Cycle wait function: Up to 31 wait cycles (up to 7 cycles for page
access)
• Normal space interface
 Wait control:
Assertion/negation timing of chip select signals,
assertion/negation timing of read/write strobe signals,
start/end timing of data outputs, and
extension of chip select signals can be set
 Write access mode: 1-write strobe/byte-write strobe mode
 Page access mode: Page read/write supported (64-bit, 128-bit,
and 256-bit page sizes are available)
• SDRAM interface
 Up to two areas can be allocated as SDRAM space
(each area may be maximum of 64 Mbytes)
 Refreshing: Auto refresh (with internal programmable refresh
counter) or self refresh
 Access timing: Row-column latency, column latency, row-active
period can be set
 Initialization sequencer: Power-down, deep power-down, and
mode register setting functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com