Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 40 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 40 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 36Page - Renesas Technology Corp SH7205 Datasheet HTML 37Page - Renesas Technology Corp SH7205 Datasheet HTML 38Page - Renesas Technology Corp SH7205 Datasheet HTML 39Page - Renesas Technology Corp SH7205 Datasheet HTML 40Page - Renesas Technology Corp SH7205 Datasheet HTML 41Page - Renesas Technology Corp SH7205 Datasheet HTML 42Page - Renesas Technology Corp SH7205 Datasheet HTML 43Page - Renesas Technology Corp SH7205 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 8 of 1868
REJ09B0372-0100
Items
Specification
Synchronous serial
communication unit
(SSU)
• Master mode and slave mode selectable
• Standard mode and bidirectional mode selectable
• Transmit/receive data length can be selected from 8, 16, and 32 bits.
• Simultaneous transmission and reception (full-duplex communication)
• Consecutive serial communication
• Two channels
I
2C bus interface 3
(IIC3)
• Four channels
• Master mode and slave mode supported
Serial sound interface
with FIFO (SSIF)
• Bidirectional serial transfer on six channels
• Support of various serial audio formats
• Support of master and slave functions
• Programmable generation of word clock and bit clock
• Multi-channel formats
• Support of 8, 16, 18, 20, 22, 24, and 32-bit data formats
• 8-stage FIFO for transmission and reception
Controller area
network (RCAN-TL1)
• Two channels
• TTCAN level 1 supported on both channels
• BOSCH 2.0B active compatible
• 31 transmit/receive mailboxes and one receive-only mailbox
• Multiple RCAN-TL1 channels can be assigned to one bus to increase
number of buffers with a granularity of 32 channels
A/D converter (ADC)
• 10-bit resolution
• Eight input channels
• A/D conversion initiated by the external trigger or timer trigger
D/A converter (DAC)
• 8-bit resolution
• Two output channels
AND/NAND flash
memory controller
(FLCTL)
• Interface for direct connection with AND-/NAND-type flash memory
• Read/write in sectors
• Two types of transfer modes: Command access mode and sector
access mode (512-byte data + 16-byte management code: with ECC)
• Interrupt request and DMAC transfer request
• Supports 5-byte address (up to 2 Gbits) of flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com