Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 40Page - Renesas Technology Corp SH7205 Datasheet HTML 41Page - Renesas Technology Corp SH7205 Datasheet HTML 42Page - Renesas Technology Corp SH7205 Datasheet HTML 43Page - Renesas Technology Corp SH7205 Datasheet HTML 44Page - Renesas Technology Corp SH7205 Datasheet HTML 45Page - Renesas Technology Corp SH7205 Datasheet HTML 46Page - Renesas Technology Corp SH7205 Datasheet HTML 47Page - Renesas Technology Corp SH7205 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 12 of 1868
REJ09B0372-0100
1.3
Block Diagram
SH-2A
CPU core
CPU0
BIU1
Cache controller
Instruction cache
memory (8 Kbytes)
Operand cache
memory (8 Kbytes)
On-chip RAM0
(high-speed)
64 Kbytes
High-speed on-chip
RAM0 access bus
CPU extension bus (I bus)
User break
controller
(UBC)
CPU bus
(C bus)
Internal CPU0 bus
Internal CPU1 bus
Internal DMA write bus
Internal DMA read bus
Floating-point
unit (FPU)
Bus bridge
CPU bus
(C bus)
Internal
bus
Port
UBCTRG
output
Peripheral bus 1
controller
SH-2A
CPU core
CPU1
Cache controller
Instruction cache
memory (8 Kbytes)
Operand cache
memory (8 Kbytes)
On-chip RAM1
(high-speed)
64 Kbytes
High-speed on-chip
RAM1 access bus
CPU extension bus (I bus)
User break
controller
(UBC)
CPU instruction fetch bus
(F bus)
CPU memory access bus
(M bus)
CPU instruction fetch bus
(F bus)
CPU memory access bus
(M bus)
Floating-point
unit (FPU)
Bus bridge
Peripheral bus 0
Port
Port
Port
Port
Port
Port
A/D converter
(ADC)
D/A converter
(DAC)
User
debugging
interface
(H-UDI)
Power-down
mode
control
Port
I/O ports
Port
Port
Port
Port
Port
Port
Port
Port
Port
Clock pulse
generator
(CPG)
AT attachment
packet
interface
(ATAPI)
AT attachment
packet
interface I/O
Compare match
timer
(CMT)
Interrupt
controller
(INTC)
Multi-function
timer pulse
unit 2
(MTU2)
Watchdog
timer
(WDT)
Serial
communication
interface with
FIFO (SCIF)
I2C bus
interface 3
(IIC3)
RES input
MRES input
MMI input
IRQ input
PINT input
Realtime
clock
(RTC)
Synchronous
serial
commnication
unit (SSU)
General I/O
EXTAL input
XTAL output
CKIO I/O
Clock mode input
Timer pulse I/O
WDTOVF output
RTC_X1 input
RTC_X2 output
Serial I/O
Serial I/O
I2C bus I/O
Analog input
ADTRG input
Analog output
Flash memory
I/F I/O
JTAG I/O
Pin function
controller
(PFC)
Controller
area
network
(RCAN-TL1)
On-chip RAM
(retention)
16 Kbytes
Serial I/O
Audio clock input
CAN bus I/O
AND/NAND
flash memory
controller
(FLCTL)
Serial sound
interface
with FIFO
(SSIF)
BIU3
BIU2
BIUE
Port
Port
Port
2D engine
(2DG)
Peripheral bus 3
controller
Peripheral bus 2
controller
Direct memory
access
controller
(DMAC)
USB2.0 host/
function module
(USB)
Bus state
controller
(BSC)
External bus I/O
External bus width mode input
USB bus I/O
USB clock input
(2 ports)
Video I/O
Peripheral bus 3
Peripheral bus 2
Peripheral bus 1
Expanded interface
for external bus access
DREQ input
DACK output
DACT output
TEND output
Port
BIU0
Peripheral bus 0
controller
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com