Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 87 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 87 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 83Page - Renesas Technology Corp SH7205 Datasheet HTML 84Page - Renesas Technology Corp SH7205 Datasheet HTML 85Page - Renesas Technology Corp SH7205 Datasheet HTML 86Page - Renesas Technology Corp SH7205 Datasheet HTML 87Page - Renesas Technology Corp SH7205 Datasheet HTML 88Page - Renesas Technology Corp SH7205 Datasheet HTML 89Page - Renesas Technology Corp SH7205 Datasheet HTML 90Page - Renesas Technology Corp SH7205 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 1904 page
background image
Section 2 CPU
Rev. 1.00 Mar. 25, 2008 Page 55 of 1868
REJ09B0372-0100
(11) Absolute Address
When data is accessed by an absolute address, the absolute address value should be placed in the
memory table in advance. That value is transferred to the register by loading the immediate data
during the execution of the instruction, and the data is accessed in register indirect addressing
mode.
With the SH-2A, when data is referenced using an absolute address not exceeding 28 bits, it is also
possible to transfer immediate data located in the instruction code to a register and to reference the
data in register indirect addressing mode. However, when referencing data using an absolute
address of 21 to 28 bits, an OR instruction must be used after the data is transferred to a register.
Table 2.6
Absolute Address Accessing
Classification
SH-2A CPU
Example of Other CPU
Up to 20 bits
MOVI20
#H'12345,R1
MOV.B
@R1,R0
MOV.B
@H'12345,R0
21 to 28 bits
MOVI20S
#H'12345,R1
OR
#H'67,R1
MOV.B
@R1,R0
MOV.B
@H'1234567,R0
29 bits or more
MOV.L
@(disp,PC),R1
MOV.B
@R1,R0
..................
.DATA.L
H'12345678
MOV.B
@H'12345678,R0
(12) 16-Bit/32-Bit Displacement
When data is accessed by 16-bit or 32-bit displacement, the displacement value should be placed
in the memory table in advance. That value is transferred to the register by loading the immediate
data during the execution of the instruction, and the data is accessed in the indexed indirect
register addressing mode.
Table 2.7
Displacement Accessing
Classification
SH-2A CPU
Example of Other CPU
16-bit displacement
MOV.W
@(disp,PC),R0
MOV.W
@(R0,R1),R2
..................
.DATA.W
H'1234
MOV.W
@(H'1234,R1),R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com