Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 70 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 70 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 66Page - Renesas Technology Corp SH7205 Datasheet HTML 67Page - Renesas Technology Corp SH7205 Datasheet HTML 68Page - Renesas Technology Corp SH7205 Datasheet HTML 69Page - Renesas Technology Corp SH7205 Datasheet HTML 70Page - Renesas Technology Corp SH7205 Datasheet HTML 71Page - Renesas Technology Corp SH7205 Datasheet HTML 72Page - Renesas Technology Corp SH7205 Datasheet HTML 73Page - Renesas Technology Corp SH7205 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 38 of 1868
REJ09B0372-0100
Classification
Symbol
I/O
Name
Function
RTC_X1
I
Realtime clock
(RTC)
RTC_X2
O
Crystal oscillator
for RTC/
external clock
Connected to 32.768-kHz crystal
resonator.
RTC_X1 can also be used to input
an external clock.
TxD5 to TxD0
O
Transmit data
Data output pins.
RxD5 to RxD0
I
Receive data
Data input pins.
SCK5,
SCK2 to SCK0
I/O
Serial clock
Clock input/output pins.
RTS0
O
Transmit request Modem control pin.
Serial
communication
interface with
FIFO (SCIF)
CTS0
I
Transmit enable
Modem control pin.
SSO1, SSO0
I/O
Data
Data I/O pin.
SSI1, SSI0
I/O
Data
Data I/O pin.
SSCK1, SSCK0 I/O
Clock
Clock I/O pin.
Synchronous
serial
communication
unit (SSU)
SCS1, SCS0
I/O
Chip select
Chip select I/O pin.
SCL3 to SCL0
I/O
Serial clock pin
Serial clock I/O pin.
I
2C bus
interface 3 (IIC3)
SDA3 to SDA0
I/O
Serial data pin
Serial data I/O pin.
SSIDATA5 to
SSIDATA0
I/O
SSI data I/O
I/O pins for serial data.
SSISCK5 to
SSISCK0
I/O
SSI clock I/O
I/O pins for serial clocks.
SSIWS5 to
SSIWS0
I/O
SSI clock LR I/O
I/O pins for word selection.
AUDIO_CLK
I
External clock for
SSI audio
Input pin of external clock for SSI
audio. A clock input to the divider is
selected from an oscillation clock
input on this pin or pins AUDIO_X1
and AUDIO_X2.
AUDIO_X1
I
Serial sound
interface with
FIFO (SSIF)
AUDIO_X2
O
Crystal resonator/
external clock for
SSI audio
Pins for connecting a crystal
resonator for SSI audio. AUDIO_X1
can also be used to input an external
clock. A clock input to the divider is
selected from an oscillation clock
input on these pins or the
AUDIO_CLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com