Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7205 Fiches technique(PDF) 66 Page - Renesas Technology Corp

No de pièce SH7205
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1904 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7205 Fiches technique(HTML) 66 Page - Renesas Technology Corp

Back Button SH7205 Datasheet HTML 62Page - Renesas Technology Corp SH7205 Datasheet HTML 63Page - Renesas Technology Corp SH7205 Datasheet HTML 64Page - Renesas Technology Corp SH7205 Datasheet HTML 65Page - Renesas Technology Corp SH7205 Datasheet HTML 66Page - Renesas Technology Corp SH7205 Datasheet HTML 67Page - Renesas Technology Corp SH7205 Datasheet HTML 68Page - Renesas Technology Corp SH7205 Datasheet HTML 69Page - Renesas Technology Corp SH7205 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1904 page
background image
Section 1 Overview
Rev. 1.00 Mar. 25, 2008 Page 34 of 1868
REJ09B0372-0100
1.5
Pin Functions
Table 1.4
Pin Functions
Classification
Symbol
I/O
Name
Function
Vcc
I
Power supply
Power supply pins. All the Vcc pins
must be connected to the system
power supply. This LSI does not
operate correctly if there is any pin
left open.
PVcc
I
Power supply for
I/O circuits
Power supply for I/O pins. All the
PVcc pins must be connected to the
system power supply. This LSI does
not operate correctly if there is any
pin left open.
Vss
I
Ground
Ground pins. All the Vss pins must
be connected to the system power
supply (0 V). This LSI does not
operate correctly if there is any pin
left open.
PLLVcc
I
Power supply for
PLL
Power supply for the on-chip PLL
oscillator.
Power supply
PLLVss
I
Ground for PLL
Ground pin for the on-chip PLL
oscillator.
EXTAL
I
External clock
Connected to a crystal resonator. An
external clock signal may also be
input to the EXTAL pin.
XTAL
O
Crystal
Connected to a crystal resonator.
Clock
CKIO
I/O
System clock I/O Inputs an external clock or supplies
the system clock to external devices.
MD0
I
Mode set
Sets the operating mode. Do not
change the signal level on this pin
during operation.
Operating mode
control
MD_CLK1,
MD_CLK0
I
Clock mode set
These pins set the clock operating
mode. Do not change the signal
levels on these pins during
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com