Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 145 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 145 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 141Page - Motorola, Inc HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc HCS08 Datasheet HTML 145Page - Motorola, Inc HCS08 Datasheet HTML 146Page - Motorola, Inc HCS08 Datasheet HTML 147Page - Motorola, Inc HCS08 Datasheet HTML 148Page - Motorola, Inc HCS08 Datasheet HTML 149Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
145
MC9S08GB/GT
PTFPEn — Pullup Enable for Port F Bit n (n = 0–7)
For port F pins that are inputs, these read/write control bits determine whether internal pullup devices
are enabled. For port F pins that are configured as outputs, these bits are ignored and the internal pullup
devices are disabled.
1 = Internal pullup device enabled.
0 = Internal pullup device disabled.
PTFSEn — Slew Rate Control Enable for Port F Bit n (n = 0–7)
For port F pins that are outputs, these read/write control bits determine whether the slew rate controlled
outputs are enabled. For port F pins that are configured as inputs, these bits are ignored.
1 = Slew rate control enabled.
0 = Slew rate control disabled.
PTFDDn — Data Direction for Port F Bit n (n = 0–7)
These read/write bits control the direction of port F pins and what is read for PTFD reads.
1 = Output driver enabled for port F bit n and PTFD reads return the contents of PTFDn.
0 = Input (output driver disabled) and reads return the pin value.
8.6.7 Port G Registers (PTGD, PTGPE, PTGSE, and PTGDD)
Port G includes eight general-purpose I/O pins that are shared with BKGD/MS function and the oscillator
or external clock pins. Port G pins used as general-purpose I/O pins are controlled by the port G data
(PTGD), data direction (PTGDD), pullup enable (PTGPE), and slew rate control (PTGSE) registers.
Port pin PTG0, while in reset, defaults to the BKGD/MS pin. Once the MCU is out of reset, PTG0 can be
configured to be a general-purpose output pin. When BKGD/MS takes control of PTG0, the corresponding
PTGDD, PTGPE, and PTGPSE bits are ignored.
Port pin PTG1 and PTG2 can be configured to be oscillator or external clock pins. When the oscillator
takes control of a port G pin, the corresponding PTGD, PTGDD, PTGSE, and PTGPE bits are ignored.
Reads of PTGD will return the logic value of the corresponding pin, provided PTGDD is a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com