Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 72 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 72 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 68Page - Motorola, Inc HCS08 Datasheet HTML 69Page - Motorola, Inc HCS08 Datasheet HTML 70Page - Motorola, Inc HCS08 Datasheet HTML 71Page - Motorola, Inc HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 290 page
background image
Resets, Interrupts, and System Configuration
MC9S08GB/GT
72
MOTOROLA
Figure 5-3 System Reset Status (SRS)
POR — Power-On Reset
Reset was caused by the power-on detection logic. Because the internal supply voltage was ramping
up at the time, the low-voltage reset (LVD) status bit is also set to indicate that the reset occurred while
the internal supply was below the LVD threshold.
1 = POR caused reset.
0 = Reset not caused by POR.
PIN — External Reset Pin
Reset was caused by an active-low level on the external reset pin.
1 = Reset came from external reset pin.
0 = Reset not caused by external reset pin.
COP — Computer Operating Properly (COP) Watchdog
Reset was caused by the COP watchdog timer timing out. This reset source may be blocked by
COPE = 0.
1 = Reset caused by COP timeout.
0 = Reset not caused by COP timeout.
ILOP — Illegal Opcode
Reset was caused by an attempt to execute an unimplemented or illegal opcode. The STOP instruction
is considered illegal if stop is disabled by STOPE = 0 in the SOPT register. The BGND instruction is
considered illegal if active background mode is disabled by ENBDM = 0 in the BDCSC register.
1 = Reset caused by an illegal opcode.
0 = Reset not caused by an illegal opcode.
ICG — Internal Clock Generation Module Reset
Reset was caused by an ICG module reset.
1 = Reset caused by ICG module.
0 = Reset not caused by ICG module.
Bit 7
6
54321
Bit 0
Read:
POR
PIN
COP
ILOP
0
ICG
LVD
0
Write:
Writing any value to SIMRS address clears COP watchdog timer.
Power-on reset:
1
0
000010
Low-voltage reset:
U
0
000010
Any other reset:
0
(1)
NOTES:
1. Any of these reset sources that are active at the time of reset will cause the corresponding bit(s) to be set;
bits corresponding to sources that are not active at the time of reset will be cleared.
(1)
(1)
0
(1)
00
U = Unaffected by reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com