Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 98 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 98 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 94Page - Motorola, Inc HCS08 Datasheet HTML 95Page - Motorola, Inc HCS08 Datasheet HTML 96Page - Motorola, Inc HCS08 Datasheet HTML 97Page - Motorola, Inc HCS08 Datasheet HTML 98Page - Motorola, Inc HCS08 Datasheet HTML 99Page - Motorola, Inc HCS08 Datasheet HTML 100Page - Motorola, Inc HCS08 Datasheet HTML 101Page - Motorola, Inc HCS08 Datasheet HTML 102Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
98
MOTOROLA
6.4.3 Example #2: External Crystal = 4 MHz, Bus Frequency = 20 MHz
In this example, the FLL will be used (in FEE mode) to multiply the external 4 MHz oscillator up to
40-MHz to achieve 20 MHz bus frequency.
After the MCU is released from reset, the ICG is in self-clocked mode (SCM) and supplies approximately
8 MHz on ICGOUT which corresponds to a 4 MHz bus frequency (fBus).
During reset initialization software, the clock scheme will be set to FLL engaged, external (FEE). So
fICGOUT = fext * P * N / R ; P = 1, fext = 4.00 MHz
Solving for N / R gives:
N / R = 40 MHz /(4 MHz * 1) = 10 ; We can choose N = 10 and R = 1
The values needed in each register to set up the desired operation are:
ICGC1 = $78
(%01111000)
Bit 7
0
Unimplemented or reserved, always reads zero
Bit 6
RANGE
1
Configures oscillator for high-frequency range; FLL prescale factor is 1
Bit 5
REFS
1
Requests an oscillator
Bits 4:3 CLKS
11
FLL engaged, external reference clock mode
Bit 2
OSCSTEN 0
Disables the oscillator
Bit 1
0
Reserved for Motorola’s internal use; always write zero
Bit 0
0
Unimplemented or reserved, always reads zero
ICGC2 = $30
(%00110000)
Bit 7
LOLRE
0
Generates an interrupt request on loss of lock
Bit 6:4 MFD
011
Sets the MFD multiplication factor to 10
Bit 3
LOCRE
0
Generates an interrupt request on loss of clock
Bit 2:0 RFD
000
Sets the RFD division factor to
÷1
ICGS1 = $xx
This is read only except for clearing interrupt flag
ICGS2 = $xx
This is read only. Should read DCOS before performing any time critical tasks
ICGFLTLU/L = $xx
Not used in this example
ICGTRM
Not used in this example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com