Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 142 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 142 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 138Page - Motorola, Inc HCS08 Datasheet HTML 139Page - Motorola, Inc HCS08 Datasheet HTML 140Page - Motorola, Inc HCS08 Datasheet HTML 141Page - Motorola, Inc HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc HCS08 Datasheet HTML 145Page - Motorola, Inc HCS08 Datasheet HTML 146Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 290 page
background image
Parallel Input/Output
MC9S08GB/GT
142
MOTOROLA
PTDDn — Port D Data Register Bit n (n = 0–7)
For port D pins that are inputs, reads return the logic level on the pin. For port D pins that are
configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port D pins that are configured as outputs, the logic
level is driven out the corresponding MCU pin.
Reset forces PTDD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pullups disabled.
PTDPEn — Pullup Enable for Port D Bit n (n = 0–7)
For port D pins that are inputs, these read/write control bits determine whether internal pullup devices
are enabled. For port D pins that are configured as outputs, these bits are ignored and the internal pullup
devices are disabled.
1 = Internal pullup device enabled.
0 = Internal pullup device disabled.
PTDSEn — Slew Rate Control Enable for Port D Bit n (n = 0–7)
For port D pins that are outputs, these read/write control bits determine whether the slew rate
controlled outputs are enabled. For port D pins that are configured as inputs, these bits are ignored.
1 = Slew rate control enabled.
0 = Slew rate control disabled.
PTDDDn — Data Direction for Port D Bit n (n = 0–7)
These read/write bits control the direction of port D pins and what is read for PTDD reads.
1 = Output driver enabled for port D bit n and PTDD reads return the contents of PTDDn.
0 = Input (output driver disabled) and reads return the pin value.
8.6.5 Port E Registers (PTED, PTEPE, PTESE, and PTEDD)
Port E includes eight general-purpose I/O pins that share with the SCI1 and SPI modules. Port E pins used
as general-purpose I/O pins are controlled by the port E data (PTED), data direction (PTEDD), pullup
enable (PTEPE) and slew rate control (PTESE) registers.
If the SCI1 takes control of a port E pin, the corresponding PTEDD bit are ignored. PTESE can be used to
provide slew rate on the SCI1 transmit pin, TxD1. PTEPE can be used, provided the corresponding
PTEDD bit is a logic 0, to provide a pullup device on the SCI1 receive pin, RxD1.
If the SPI takes control of a port E pin, the corresponding PTEDD bit are ignored. PTESE can be used to
provide slew rate on the SPI serial output pin (MOSI or MISO) and serial clock pin (SPCLK) depending
on the SPI operational mode. PTEPE can be used, provided the corresponding PTEDD bit is a logic 0, to
provide a pullup device on the SPI serial input pins (MOSI or MISO) and slave select pin (SS) depending
on the SPI operational mode.
Reads of PTED will return the logic value of the corresponding pin, provided PTEDD is a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com