Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 29 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 29 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 25Page - Motorola, Inc HCS08 Datasheet HTML 26Page - Motorola, Inc HCS08 Datasheet HTML 27Page - Motorola, Inc HCS08 Datasheet HTML 28Page - Motorola, Inc HCS08 Datasheet HTML 29Page - Motorola, Inc HCS08 Datasheet HTML 30Page - Motorola, Inc HCS08 Datasheet HTML 31Page - Motorola, Inc HCS08 Datasheet HTML 32Page - Motorola, Inc HCS08 Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
29
MC9S08GB/GT
For information about controlling these pins as general-purpose I/O pins, see the Parallel Input/Output
section. For information about how and when on-chip peripheral systems use these pins, refer to the
appropriate section from Table 2-1.
When an on-chip peripheral system is controlling a pin, data direction control bits still determine what is
read from port data registers even though the peripheral module controls the pin direction by controlling
the enable for the pin’s output buffer. See the Parallel Input/Output section for more details.
Pullup enable bits for each input pin control whether on-chip pullup devices are enabled whenever the pin
is acting as an input even if it is being controlled by an on-chip peripheral module. When the PTA7–PTA4
pins are controlled by the KBI module and are configured for rising-edge/high-level sensitivity, the pullup
enable control bits enable pulldown devices rather than pullup devices. Similarly, when IRQ is configured
as the IRQ input and is set to detect rising edges, the pullup enable control bit enables a pulldown device
rather than a pullup device.
Table 2-1 Pin Sharing References
Port Pins
Alternate
Function
Reference(1)
NOTES:
1. See this section for information about modules that share these pins.
PTA7–PTA0
KBI7–KBI0
Keyboard Interrupt (KBI) Module
PTB7–PTB0
AD7–AD0
Analog-to-Digital Converter (ATD) Module
PTC7–PTC4
—
Parallel Input/Output
PTC3–PTC2
SCL–SDA
Inter-Integrated Circuit (IIC) Module
PTC1–PTC0
RxD2–TxD2
Serial Communications Interface (SCI) Module
PTD7–PTD3
TPM2CH4–
TPM2CH0
Timer/PWM (TPM) Module
PTD2–PTD0
TPM1CH2–
TPM1CH0
Timer/PWM (TPM) Module
PTE7–PTE6
—
Parallel Input/Output
PTE5
PTE4
PTE3
PTE2
SPSCK
MISO
MOSI
SS
Serial Peripheral Interface (SPI) Module
PTE1–PTE0
RxD1–TxD1
Serial Communications Interface (SCI) Module
PTF7–PTF0
—
Parallel Input/Output
PTG7–PTG3
—
Parallel Input/Output
PTG2–PTG1
EXTAL–XTAL
Internal Clock Generator (ICG) Module
PTG0
BKGD/MS
Development Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com