Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 93 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 93 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 89Page - Motorola, Inc HCS08 Datasheet HTML 90Page - Motorola, Inc HCS08 Datasheet HTML 91Page - Motorola, Inc HCS08 Datasheet HTML 92Page - Motorola, Inc HCS08 Datasheet HTML 93Page - Motorola, Inc HCS08 Datasheet HTML 94Page - Motorola, Inc HCS08 Datasheet HTML 95Page - Motorola, Inc HCS08 Datasheet HTML 96Page - Motorola, Inc HCS08 Datasheet HTML 97Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
93
MC9S08GB/GT
6.3.8 Clock Mode Requirements
A clock mode is requested by writing to CLKS1:CLKS0 and the actual clock mode is indicated by
CLKST1:CLKST0. Provided minimum conditions are met, the status shown in CLKST1:CLKST0 should
be the same as the requested mode in CLKS1:CLKS0. Table 6-3 shows the relationship between CLKS,
CLKST, and ICGOUT. It also shows the conditions for CLKS = CLKST or the reason CLKS
≠ CLKST.
NOTE:
If a crystal will be used before the next reset, then be sure to set REFS = 1 and
CLKS = 1x on the first write to the ICGC1 register. Failure to do so will result in
“locking” REFS = 0 which will prevent the oscillator amplifier from being enabled
until the next reset occurs.
Table 6-3 ICG State Table
Actual
Mode
(CLKST)
Desired
Mode
(CLKS)
Range
Reference
Frequency
(fREFERENCE)
Comparison
Cycle Time
ICGOUT
Conditions(1)
for
CLKS = CLKST
NOTES:
1. CLKST will not update immediately after a write to CLKS. Several bus cycles are required before CLKST updates to the
new value.
Reason
CLKS1 =
CLKST
Off
(XX)
Off
(XX)
X0
—
0
—
—
FBE
(10)
X
0
—
0
—
ERCS = 0
SCM
(00)
SCM
(00)
X
fICGIRCLK/7
(2)
2. The reference frequency has no effect on ICGOUT in SCM, but the reference frequency is still used in making the
comparisons that determine the DCOS bit
8/fICGIRCLK
ICGDCLK/R
Not switching from
FBE to SCM
—
FEI
(01)
0
fICGIRCLK/7
(1)
8/fICGIRCLK
ICGDCLK/R
—
DCOS = 0
FBE
(10)
X
fICGIRCLK/7
(1)
8/fICGIRCLK
ICGDCLK/R
—
ERCS = 0
FEE
(11)
X
fICGIRCLK/7
(1)
8/fICGIRCLK
ICGDCLK/R
—
DCOS = 0 or
ERCS = 0
FEI
(01)
FEI
(01)
0
fICGIRCLK/7
8/fICGIRCLK
ICGDCLK/R
DCOS = 1
—
FEE
(11)
X
fICGIRCLK/7
8/fICGIRCLK
ICGDCLK/R
—
ERCS = 0
FBE
(10)
FBE
(10)
X
0
—
ICGERCLK/R
ERCS = 1
—
FEE
(11)
X
0
—
ICGERCLK/R
—
LOCS = 1 &
ERCS = 1
FEE
(11)
FEE
(11)
0
fICGERCLK
2/fICGERCLK
ICGDCLK/R(3)
3. After initial LOCK; will be ICGDCLK/2R during initial locking process and while FLL is re-locking after the MFD bits are
changed.
ERCS = 1 and
DCOS = 1
—
1
fICGERCLK
128/fICGERCLK
ICGDCLK/R(2)
ERCS = 1 and
DCOS = 1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com