Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 33 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 33 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 29Page - Motorola, Inc HCS08 Datasheet HTML 30Page - Motorola, Inc HCS08 Datasheet HTML 31Page - Motorola, Inc HCS08 Datasheet HTML 32Page - Motorola, Inc HCS08 Datasheet HTML 33Page - Motorola, Inc HCS08 Datasheet HTML 34Page - Motorola, Inc HCS08 Datasheet HTML 35Page - Motorola, Inc HCS08 Datasheet HTML 36Page - Motorola, Inc HCS08 Datasheet HTML 37Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
33
MC9S08GB/GT
Section 3 Modes of Operation
3.1 Introduction
The operating modes of the MC9S08GB/GT are described in this section. Entry into each mode, exit from
each mode, and functionality while in each of the modes are described.
3.2 Features
•
Active background mode for code development
•
Wait mode:
–
CPU shuts down to conserve power
–
System clocks running
–
Full voltage regulation maintained
•
Stop modes:
–
System clocks stopped; voltage regulator in standby
–
Stop1 — Full power down of internal circuits for maximum power savings
–
Stop2 — Partial power down of internal circuits, RAM contents retained
–
Stop3 — All internal circuits powered for fast recovery
3.3 Run Mode
This is the normal operating mode for the MC9S08GB/GT. This mode is selected when the BKGD/MS
pin is high at the rising edge of reset. In this mode, the CPU executes code from internal memory with
execution beginning at the address fetched from memory at $FFFE:$FFFF after reset.
3.4 Active Background Mode
The active background mode functions are managed through the background debug controller (BDC) in
the HCS08 core. The BDC, together with the on-chip debug module (DBG), provide the means for
analyzing MCU operation during software development.
Active background mode is entered in any of five ways:
•
When the BKGD/MS pin is low at the rising edge of reset
•
When a BACKGROUND command is received through the BKGD pin
•
When a BGND instruction is executed
•
When encountering a BDC breakpoint
•
When encountering a DBG breakpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com