Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 48 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 48 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 44Page - Motorola, Inc HCS08 Datasheet HTML 45Page - Motorola, Inc HCS08 Datasheet HTML 46Page - Motorola, Inc HCS08 Datasheet HTML 47Page - Motorola, Inc HCS08 Datasheet HTML 48Page - Motorola, Inc HCS08 Datasheet HTML 49Page - Motorola, Inc HCS08 Datasheet HTML 50Page - Motorola, Inc HCS08 Datasheet HTML 51Page - Motorola, Inc HCS08 Datasheet HTML 52Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 290 page
background image
Memory
MC9S08GB/GT
48
MOTOROLA
Nonvolatile FLASH registers, shown in Table 4-4, are located in the FLASH memory. These registers
include an 8-byte backdoor key which optionally can be used to gain access to secure memory resources.
During reset events, the contents of NVPROT and NVOPT in the nonvolatile register area of the FLASH
memory are transferred into corresponding FPROT and FOPT working registers in the high-page registers
to control security and block protection options.
Provided the key enable (KEYEN) bit is 1, the 8-byte comparison key can be used to temporarily
disengage memory security. This key mechanism can be accessed only through user code running in
secure memory. (A security key cannot be entered directly through background debug commands.) This
security key can be disabled completely by programming the KEYEN bit to 0. If the security key is
disabled, the only way to disengage security is by mass erasing the FLASH if needed (normally through
the background debug interface) and verifying that FLASH is blank. To avoid returning to secure mode
after the next reset, program the security bits (SEC01:SEC00) to the unsecured state (1:0).
4.3 RAM
The MC9S08GB/GT includes static RAM. The locations in RAM below $0100 can be accessed using the
more efficient direct addressing mode, and any single bit in this area can be accessed with the bit
manipulation instructions (BCLR, BSET, BRCLR, and BRSET). Locating the most frequently accessed
program variables in this area of RAM is preferred.
The RAM retains data when the MCU is in low-power wait, stop2, or stop3 mode. At power-on or after
wakeup from stop1, the contents of RAM are uninitialized. RAM data is unaffected by any reset provided
that the supply voltage does not drop below the minimum value for RAM retention.
For compatibility with older M68HC05 MCUs, the HCS08 resets the stack pointer to $00FF. In the
MC9S08GB/GT, it is usually best to reinitialize the stack pointer to the top of the RAM so the direct page
RAM can be used for frequently accessed RAM variables and bit-addressable program variables. Include
the following 2-instruction sequence in your reset initialization routine (where RamLast is equated to the
highest address of the RAM in the Motorola-provided equate file).
LDHX
#RamLast+1
;point one past RAM
TXS
;SP<-(H:X-1)
Table 4-4 Nonvolatile Register Summary
Address
Register Name
Bit 7
654321
Bit 0
$FFB0 –
$FFB7
NVBACKKEY
8-Byte Comparison Key
$FFB8 –
$FFBC
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
$FFBD
NVPROT
FPOPEN
FPDIS
FPS2
FPS1
FPS0
0
0
0
$FFBE
Reserved(1)
NOTES:
1. This location can be used to store the factory trim value for the ICG.
—
—
—
—
—
—
—
—
$FFBF
NVOPT
KEYEN
FNORED
0
0
0
0
SEC01
SEC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com