Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 63 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 63 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 59Page - Motorola, Inc HCS08 Datasheet HTML 60Page - Motorola, Inc HCS08 Datasheet HTML 61Page - Motorola, Inc HCS08 Datasheet HTML 62Page - Motorola, Inc HCS08 Datasheet HTML 63Page - Motorola, Inc HCS08 Datasheet HTML 64Page - Motorola, Inc HCS08 Datasheet HTML 65Page - Motorola, Inc HCS08 Datasheet HTML 66Page - Motorola, Inc HCS08 Datasheet HTML 67Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
63
MC9S08GB/GT
Section 5 Resets, Interrupts, and System Configuration
5.1 Introduction
This section discusses basic reset and interrupt mechanisms and the various sources of reset and interrupts
in the MC9S08GB/GT. Some interrupt sources from peripheral modules are discussed in greater detail
within other sections of this data manual. This section gathers basic information about all reset and
interrupt sources in one place for easy reference. A few reset and interrupt sources, including the computer
operating properly (COP) watchdog and real-time interrupt (RTI), are not part of on-chip peripheral
systems with their own sections but are part of the system control logic.
5.2 Features
Reset and interrupt features include:
•
Multiple sources of reset for flexible system configuration and reliable operation:
–
Power-on detection (POR)
–
Low voltage detection (LVD) with enable
–
External RESET pin with enable
–
COP watchdog with enable and two timeout choices
–
Illegal opcode
–
Serial command from a background debug host
•
Reset status register (SRS) to indicate source of most recent reset
•
Separate interrupt vectors for each module (reduces polling overhead) (see Table 5-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com