Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 81 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 81 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 77Page - Motorola, Inc HCS08 Datasheet HTML 78Page - Motorola, Inc HCS08 Datasheet HTML 79Page - Motorola, Inc HCS08 Datasheet HTML 80Page - Motorola, Inc HCS08 Datasheet HTML 81Page - Motorola, Inc HCS08 Datasheet HTML 82Page - Motorola, Inc HCS08 Datasheet HTML 83Page - Motorola, Inc HCS08 Datasheet HTML 84Page - Motorola, Inc HCS08 Datasheet HTML 85Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
81
MC9S08GB/GT
Section 6 Internal Clock Generator (ICG) Module
The MC9S08GB/GT microcontroller provides one internal clock generation (ICG) module to create the
system bus frequency. All functions described in this section are available on the MC9S08GB/GT
microcontroller. The EXTAL and XTAL pins share port G bits 2 and 1, respectively. Analog supply lines
VDDA and VSSA are internally derived from the MCU’s VDD and VSS pins. Electrical parametric data for
the ICG may be found in the Electrical Characteristics appendix.
Figure 6-1 System Clock Distribution Diagram
NOTE:
Motorola recommends that FLASH location $FFBE be reserved to store a
nonvolatile version of ICGTRM. This will allow debugger and programmer
vendors to perform a manual trim operation and store the resultant ICGTRM value
for users to access at a later time.
TPM1
TPM2
IIC
SCI1
SCI2
SPI
BDC
CPU
ATD
RAM
FLASH
ICG
ICGOUT
÷2
FFE
SYSTEM
LOGIC
BUSCLK
ICGLCLK*
ATD has min and max
frequency requirements.
See ATD section and
FLASH has frequency
requirements for program
and erase operation.
See Appendix A.
Appendix A.
CONTROL
FIXED FREQ CLOCK (XCLK)
ICGERCLK
RTI
* ICGLCLK is the alternate BDC clock source for the MC9S08GB/GT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com