Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 85 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 85 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 81Page - Motorola, Inc HCS08 Datasheet HTML 82Page - Motorola, Inc HCS08 Datasheet HTML 83Page - Motorola, Inc HCS08 Datasheet HTML 84Page - Motorola, Inc HCS08 Datasheet HTML 85Page - Motorola, Inc HCS08 Datasheet HTML 86Page - Motorola, Inc HCS08 Datasheet HTML 87Page - Motorola, Inc HCS08 Datasheet HTML 88Page - Motorola, Inc HCS08 Datasheet HTML 89Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
85
MC9S08GB/GT
6.1.2 Modes of Operation
This is a high-level description only. Detailed descriptions of operating modes are contained in 6.3
Functional Description
•
Mode 1 — Off
The output clock, ICGOUT, is static. This mode may be entered when the STOP instruction is
executed.
•
Mode 2 — Self-clocked (SCM)
Default mode of operation that is entered out of reset. The ICG’s FLL is open loop and the digitally
controlled oscillator (DCO) is free running at a frequency set by the filter bits.
•
Mode 3 — FLL engaged internal (FEI)
In this mode, the ICG’s FLL is used to create frequencies that are programmable multiples of the
internal reference clock.
–
FLL engaged internal unlocked is a transition state which occurs while the FLL is attempting to
lock. The FLL DCO frequency is off target and the FLL is adjusting the DCO to match the target
frequency.
–
FLL engaged internal locked is a state which occurs when the FLL detects that the DCO is
locked to a multiple of the internal reference.
•
Mode 4 — FLL bypassed external (FBE)
In this mode, the ICG is configured to bypass the FLL and use an external clock as the clock source.
•
Mode 5 — FLL engaged external (FEE)
The ICG’s FLL is used to generate frequencies that are programmable multiples of the external
clock reference.
–
FLL engaged external unlocked is a transition state which occurs while the FLL is attempting
to lock. The FLL DCO frequency is off target and the FLL is adjusting the DCO to match the
target frequency.
–
FLL engaged external locked is a state which occurs when the FLL detects that the DCO is
locked to a multiple of the internal reference.
6.2 External Signal Description
6.2.1 Overview
Table 6-1 shows the user-accessible signals available for the ICG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com