Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 78 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 78 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 74Page - Motorola, Inc HCS08 Datasheet HTML 75Page - Motorola, Inc HCS08 Datasheet HTML 76Page - Motorola, Inc HCS08 Datasheet HTML 77Page - Motorola, Inc HCS08 Datasheet HTML 78Page - Motorola, Inc HCS08 Datasheet HTML 79Page - Motorola, Inc HCS08 Datasheet HTML 80Page - Motorola, Inc HCS08 Datasheet HTML 81Page - Motorola, Inc HCS08 Datasheet HTML 82Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 290 page
background image
Resets, Interrupts, and System Configuration
MC9S08GB/GT
78
MOTOROLA
5.8.8 System Power Management Status and Control 2 Register (SPMSC2)
This register is used to report the status of the low voltage warning function, and to configure the stop
mode behavior of the MCU.
Figure 5-9 System Power Management Status and Control 2 Register (SPMSC2)
LVWF — Low-Voltage Warning Flag
The LVWF bit indicates the low voltage warning status.
1 = Low voltage warning is present or was present.
0 = Low voltage warning not present.
LVWACK — Low-Voltage Warning Acknowledge
The LVWF bit indicates the low voltage warning status.
Writing a logic 1 to LVWACK clears LVWF to a logic 0 if a low voltage warning is not present.
LVDV — Low-Voltage Detect Voltage Select
The LVDV bit selects the LVD trip point voltage (VLVD).
1 = High trip point selected (VLVD = VLVDH).
0 = Low trip point selected (VLVD = VLVDL).
LVWV — Low-Voltage Warning Voltage Select
The LVWV bit selects the LVW trip point voltage (VLVW).
1 = High trip point selected (VLVW = VLVWH).
0 = Low trip point selected (VLVW = VLVWL).
PPDF — Partial Power Down Flag
The PPDF bit indicates that the MCU has exited the stop2 mode.
1 = Stop2 mode recovery.
0 = Not stop2 mode recovery.
Bit 7
6
54321
Bit 0
Read:
LVWF
0
LVDV
LVWV
PPDF
0
PDC
PPDC
Write:
LVWACK
PPDACK
Power-on reset:
0(1)
NOTES:
1. LVWF will be set in the case when VSupply transitions below the trip point or after reset and VSupply is already
below VLVW.
0
00
0000
LVD reset:
0(1)
0
U
U
0000
Any other reset:
0(1)
0
U
U
0000
= Unimplemented or Reserved
U = Unaffected by reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com