Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 146 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 146 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc HCS08 Datasheet HTML 145Page - Motorola, Inc HCS08 Datasheet HTML 146Page - Motorola, Inc HCS08 Datasheet HTML 147Page - Motorola, Inc HCS08 Datasheet HTML 148Page - Motorola, Inc HCS08 Datasheet HTML 149Page - Motorola, Inc HCS08 Datasheet HTML 150Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 290 page
background image
Parallel Input/Output
MC9S08GB/GT
146
MOTOROLA
Figure 8-15 Port G Registers
PTGDn — Port PTG Data Register Bit n (n = 0–7)
For port G pins that are inputs, reads return the logic level on the pin. For port G pins that are
configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port G pins that are configured as outputs, the logic
level is driven out the corresponding MCU pin.
Reset forces PTGD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pullups disabled.
PTGPEn — Pullup Enable for Port G Bit n (n = 0–7)
For port G pins that are inputs, these read/write control bits determine whether internal pullup devices
are enabled. For port G pins that are configured as outputs, these bits are ignored and the internal pullup
devices are disabled.
1 = Internal pullup device enabled.
0 = Internal pullup device disabled.
PTGSEn — Slew Rate Control Enable for Port G Bit n (n = 0–7)
For port G pins that are outputs, these read/write control bits determine whether the slew rate
controlled outputs are enabled. For port G pins that are configured as inputs, these bits are ignored.
1 = Slew rate control enabled.
0 = Slew rate control disabled.
PTGD
Bit 7
654321
Bit 0
Read:
PTGD7
PTGD6
PTGD5
PTGD4
PTGD3
PTGD2
PTGD1
PTGD0
Write:
Reset:
00000000
PTGPE
Read:
PTGPE7
PTGPE6
PTGPE5
PTGPE4
PTGPE3
PTGPE2
PTGPE1
PTGPE0
Write:
Reset:
00000000
PTGSE
Read:
PTGSE7
PTGSE6
PTGSE5
PTGSE4
PTGSE3
PTGSE2
PTGSE1
PTGSE0
Write:
Reset:
00000000
PTGDD
Read:
PTGDD7
PTGDD6
PTGDD5
PTGDD4
PTGDD3
PTGDD2
PTGDD1
PTGDD0
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com