Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 141 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 141 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 137Page - Motorola, Inc HCS08 Datasheet HTML 138Page - Motorola, Inc HCS08 Datasheet HTML 139Page - Motorola, Inc HCS08 Datasheet HTML 140Page - Motorola, Inc HCS08 Datasheet HTML 141Page - Motorola, Inc HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc HCS08 Datasheet HTML 145Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
141
MC9S08GB/GT
PTCDDn — Data Direction for Port C Bit n (n = 0–7)
These read/write bits control the direction of port C pins and what is read for PTCD reads.
1 = Output driver enabled for port C bit n and PTCD reads return the contents of PTCDn.
0 = Input (output driver disabled) and reads return the pin value.
8.6.4 Port D Registers (PTDD, PTDPE, PTDSE, and PTDDD)
Port D includes eight pins shared between general-purpose I/O, TPM1 and TPM2. Port D pins used as
general-purpose I/O pins are controlled by the port D data (PTDD), data direction (PTDDD) and pullup
enable (PTDPE) and slew rate control (PTDSE) registers.
If a TPM takes control of a port D pin, the corresponding PTDDD bit are ignored. When the TPM is in
output compare mode, the corresponding PTDSE can be used to provide slew rate on the pin. When the
TPM is in input capture mode, the corresponding PTDPE can be used, provided the corresponding
PTDDD bit is a logic 0, to provide a pullup device on the pin.
Reads of PTDD will return the logic value of the corresponding pin, provided PTDDD is a logic 0.
Figure 8-12 Port D Registers
PTDD
Bit 7
654321
Bit 0
Read:
PTDD7
PTDD6
PTDD5
PTDD4
PTDD3
PTDD2
PTDD1
PTDD0
Write:
Reset:
00000000
PTDPE
Read:
PTDPE7
PTDPE6
PTDPE5
PTDPE4
PTDPE3
PTDPE2
PTDPE1
PTDPE0
Write:
Reset:
00000000
PTDSE
Read:
PTDSE7
PTDSE6
PTDSE5
PTDSE4
PTDSE3
PTDSE2
PTDSE1
PTDSE0
Write:
Reset:
00000000
PTDDD
Read:
PTDDD7
PTDDD6
PTDDD5
PTDDD4
PTDDD3
PTDDD2
PTDDD1
PTDDD0
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com