Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 39 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 39 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 35Page - Motorola, Inc HCS08 Datasheet HTML 36Page - Motorola, Inc HCS08 Datasheet HTML 37Page - Motorola, Inc HCS08 Datasheet HTML 38Page - Motorola, Inc HCS08 Datasheet HTML 39Page - Motorola, Inc HCS08 Datasheet HTML 40Page - Motorola, Inc HCS08 Datasheet HTML 41Page - Motorola, Inc HCS08 Datasheet HTML 42Page - Motorola, Inc HCS08 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
39
MC9S08GB/GT
IIC — When the MCU enters stop mode, the clocks to the IIC module stops. The module halts operation.
If the MCU is configured to go into stop2 or stop1 mode, the IIC module will be reset upon wake-up from
stop and must be reinitialized.
Voltage Regulator — The voltage regulator enters a low-power standby state when the MCU enters any
of the stop modes unless the LVD is enabled in stop mode or BDM is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More