Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 144 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 144 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 140Page - Motorola, Inc HCS08 Datasheet HTML 141Page - Motorola, Inc HCS08 Datasheet HTML 142Page - Motorola, Inc HCS08 Datasheet HTML 143Page - Motorola, Inc HCS08 Datasheet HTML 144Page - Motorola, Inc HCS08 Datasheet HTML 145Page - Motorola, Inc HCS08 Datasheet HTML 146Page - Motorola, Inc HCS08 Datasheet HTML 147Page - Motorola, Inc HCS08 Datasheet HTML 148Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 290 page
background image
Parallel Input/Output
MC9S08GB/GT
144
MOTOROLA
PTEDDn — Data Direction for Port E Bit n (n = 0–7)
These read/write bits control the direction of port E pins and what is read for PTED reads.
1 = Output driver enabled for port E bit n and PTED reads return the contents of PTEDn.
0 = Input (output driver disabled) and reads return the pin value.
8.6.6 Port F Registers (PTFD, PTFPE, PTFSE, and PTFDD)
Port F includes eight general-purpose I/O pins that are not shared with any peripheral module. Port F pins
used as general-purpose I/O pins are controlled by the port F data (PTFD), data direction (PTFDD), pullup
enable (PTFPE), and slew rate control (PTFSE) registers.
Figure 8-14 Port F Registers
PTFDn — Port PTF Data Register Bit n (n = 0–7)
For port F pins that are inputs, reads return the logic level on the pin. For port F pins that are configured
as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port F pins that are configured as outputs, the logic
level is driven out the corresponding MCU pin.
Reset forces PTFD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pullups disabled.
PTFD
Bit 7
654321
Bit 0
Read:
PTFD7
PTFD6
PTFD5
PTFD4
PTFD3
PTFD2
PTFD1
PTFD0
Write:
Reset:
00000000
PTFPE
Read:
PTFPE7
PTFPE6
PTFPE5
PTFPE4
PTFPE3
PTFPE2
PTFPE1
PTFPE0
Write:
Reset:
00000000
PTFSE
Read:
PTFSE7
PTFSE6
PTFSE5
PTFSE4
PTFSE3
PTFSE2
PTFSE1
PTFSE0
Write:
Reset:
00000000
PTFDD
Read:
PTFDD7
PTFDD6
PTFDD5
PTFDD4
PTFDD3
PTFDD2
PTFDD1
PTFDD0
Write:
Reset:
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com