Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 59 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 59 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 55Page - Motorola, Inc HCS08 Datasheet HTML 56Page - Motorola, Inc HCS08 Datasheet HTML 57Page - Motorola, Inc HCS08 Datasheet HTML 58Page - Motorola, Inc HCS08 Datasheet HTML 59Page - Motorola, Inc HCS08 Datasheet HTML 60Page - Motorola, Inc HCS08 Datasheet HTML 61Page - Motorola, Inc HCS08 Datasheet HTML 62Page - Motorola, Inc HCS08 Datasheet HTML 63Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
59
MC9S08GB/GT
SEC01:SEC00 — Security State Code
This 2-bit field determines the security state of the MCU as shown in Table 4-7. When the MCU is
secure, the contents of RAM and FLASH memory cannot be accessed by instructions from any
unsecured source including the background debug interface. For more detailed information about
security, refer to 4.5 Security.
SEC01:SEC00 changes to 1:0 after successful backdoor key entry or a successful blank check of FLASH.
4.6.3 FLASH Configuration Register (FCNFG)
Bits 7 through 5 may be read or written at any time. Bits 4 through 0 always read 0 and cannot be written.
KEYACC — Enable Writing of Access Key
This bit enables writing of the backdoor comparison key. For more detailed information about the
backdoor key mechanism, refer to 4.5 Security.
1 = Writes to NVBACKKEY ($FFB0–$FFB7) are interpreted as comparison key writes.
Reads of the FLASH return invalid data.
0 = Writes to $FFB0–$FFB7 are interpreted as the start of a FLASH programming or erase
command.
4.6.4 FLASH Protection Register (FPROT and NVPROT)
During reset, the contents of the nonvolatile location NVPROT is copied from FLASH into FPROT. Bits
0, 1, and 2 are not used and each always reads as 0. This register may be read at any time, but user program
writes have no meaning or effect. Background debug commands can write to FPROT.
Table 4-7 Security States
SEC01:SEC00
Description
0:0
secure
0:1
secure
1:0
unsecured
1:1
secure
Bit 7
6
54321
Bit 0
Read:
0
0
KEYACC
00000
Write:
Reset:
0
0
000000
= Unimplemented or Reserved
Figure 4-6 FLASH Configuration Register (FCNFG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com