| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 30 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 30 Page - Motorola, Inc |
|
30 / 290 page ![]() Pins and Connections MC9S08GB/GT 30 MOTOROLA 2.3.6 Signal Properties Summary Table 2-2 summarizes I/O pin characteristics. These characteristics are determined by the way the common pin interfaces are hardwired to internal circuits. Table 2-2 Signal Properties Pin Name Dir High Current Pin Output Slew (1) Pull-Up(2) Comments VDD —— — VSS —— — VDDAD —— — VSSAD —— — VREFH —— — VREFL —— — RESET I/O Y N Y Pin contains integrated pullup. IRQ I — — Y IRQPE must be set to enable IRQ function. IRQ does not have a clamp diode to VDD. IRQ should not be driven above VDD. Pullup/pulldown active when IRQ pin function enabled. Pullup forced on when IRQ enabled for falling edges; pulldown forced on when IRQ enabled for rising edges. PTA0/KBIP0 I/O N SWC SWC PTA1/KBIP1 I/O N SWC SWC PTA2/KBIP2 I/O N SWC SWC PTA3/KBIP3 I/O N SWC SWC PTA4/KBIP4 I/O N SWC SWC Pullup/pulldown active when KBI pin function enabled. Pullup forced on when KBIPx enabled for falling edges; pulldown forced on when KBIPx enabled for rising edges. PTA5/KBIP5 I/O N SWC SWC PTA6/KBIP6 I/O N SWC SWC PTA7/KBIP7 I/O N SWC SWC PTB0/AD0 I/O N SWC SWC PTB1/AD1 I/O N SWC SWC PTB2/AD2 I/O N SWC SWC PTB3/AD3 I/O N SWC SWC PTB4/AD4 I/O N SWC SWC PTB5/AD5 I/O N SWC SWC PTB6/AD6 I/O N SWC SWC PTB7/AD7 I/O N SWC SWC PTC0/TxD2 I/O Y SWC SWC When pin is configured for SCI function, pin is configured for partial output drive. PTC1/RxD2 I/O Y SWC SWC PTC2/SDA I/O Y SWC SWC PTC3/SCL I/O Y SWC SWC PTC4 I/O Y SWC SWC PTC5 I/O Y SWC SWC Not available on 42-pin pkg PTC6 I/O Y SWC SWC Not available on 42-pin pkg |