Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 18 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 18 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 14Page - Motorola, Inc HCS08 Datasheet HTML 15Page - Motorola, Inc HCS08 Datasheet HTML 16Page - Motorola, Inc HCS08 Datasheet HTML 17Page - Motorola, Inc HCS08 Datasheet HTML 18Page - Motorola, Inc HCS08 Datasheet HTML 19Page - Motorola, Inc HCS08 Datasheet HTML 20Page - Motorola, Inc HCS08 Datasheet HTML 21Page - Motorola, Inc HCS08 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 290 page
background image
Introduction
MC9S08GB/GT
18
MOTOROLA
•
Two serial communications interface modules (SCI)
•
Serial peripheral interface module (SPI)
•
Clock source options include crystal, resonator, external clock or internally generated clock with
precision NVM trimming
•
Inter-integrated circuit bus module to operate up to 100 kbps (IIC)
•
One 3-channel and one 5-channel 16-bit timer/pulse width modulator (TPM) modules with
selectable input capture, output compare, and edge-aligned PWM capability on each channel. Each
timer module may be configured for buffered, centered PWM (CPWM) on all channels (TPMx).
•
8-pin keyboard interrupt module (KBI)
•
16 high-current pins (limited by package dissipation)
•
Software selectable pullups on ports when used as input. Selection is on an individual port bit basis.
During output mode, pullups are disengaged.
•
Internal pullup on RESET and IRQ pin to reduce customer system cost
•
56 general-purpose input/output (I/O) pins, depending on package selection
•
64-pin low-profile quad flat package (LQFP) — MC9S08GBxx
•
44-pin quad flat package (QFP) — MC9S08GTxx
•
42-pin shrink dual in-line package (SDIP) — MC9S08GTxx
1.2.3 Devices in the MC9S08GB/GT Series
Table 1-1 lists the devices available in the MC9S08GB/GT series and summarizes the differences among
them.
1.3 MCU Block Diagrams
These block diagrams shows the structure of the MC9S08GB/GT MCUs.
Table 1-1 Devices in the MC9S08GB/GT Series
Device
FLASH
RAM
TPM
I/O
Packages
MC9S08GB60
60K
4K
One 3-channel
and one
5-channel
16-bit timer
56
64 LQFP
MC9S08GB32
32K
2K
One 3-channel
and one
5-channel
16-bit timer
56
64 LQFP
MC9S08GT60
60K
4K
Two
2-channel/16-
bit timers
36
44 QFP
34
42 SDIP
MC9S08GT32
32K
2K
Two
2-channel/16-
bit timers
36
44 QFP
34
42 SDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com