| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 21 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 21 Page - Motorola, Inc |
|
21 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 21 MC9S08GB/GT Table 1-2 lists the functional versions of the on-chip modules. 1.4 System Clock Distribution Figure 1-3 System Clock Distribution Diagram Table 1-2 Block Versions Module Version Analog-to-Digital Converter (ATD) 3 Internal Clock Generator (ICG) 2 Inter-Integrated Circuit (IIC) 1 Keyboard Interrupt (KBI) 1 Serial Communications Interface (SCI) 1 Serial Peripheral Interface (SPI) 3 Timer Pulse-Width Modulator (TPM) 1 Central Processing Unit (CPU) 2 TPM1 TPM2 IIC SCI1 SCI2 SPI BDC CPU ATD RAM FLASH ICG ICGOUT ÷2 FFE SYSTEM LOGIC BUSCLK ICGLCLK* ATD has min and max frequency requirements. See ATD section and FLASH has frequency requirements for program and erase operation. See Appendix A. Appendix A. CONTROL FIXED FREQ CLOCK (XCLK) ICGERCLK RTI * ICGLCLK is the alternate BDC clock source for the MC9S08GB/GT. |