Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 57 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 57 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 53Page - Motorola, Inc HCS08 Datasheet HTML 54Page - Motorola, Inc HCS08 Datasheet HTML 55Page - Motorola, Inc HCS08 Datasheet HTML 56Page - Motorola, Inc HCS08 Datasheet HTML 57Page - Motorola, Inc HCS08 Datasheet HTML 58Page - Motorola, Inc HCS08 Datasheet HTML 59Page - Motorola, Inc HCS08 Datasheet HTML 60Page - Motorola, Inc HCS08 Datasheet HTML 61Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
57
MC9S08GB/GT
4.6.1 FLASH Clock Divider Register (FCDIV)
Bit 7 of this register is a read-only status flag. Bits 6 through 0 may be read at any time but can be written
only one time. Before any erase or programming operations are possible, write to this register to set the
frequency of the clock for the nonvolatile memory system within acceptable limits.
DIVLD — Divisor Loaded Status Flag
When set, this read-only status flag indicates that the FCDIV register has been written since reset.
Reset clears this bit and the first write to this register causes this bit to become set regardless of the
data written.
1 = FCDIV has been written since reset; erase and program operations enabled for FLASH.
0 = FCDIV has not been written since reset; erase and program operations disabled for FLASH.
PRDIV8 — Prescale (Divide) FLASH Clock by 8
1 = Clock input to the FLASH clock divider is the bus rate clock divided by 8.
0 = Clock input to the FLASH clock divider is the bus rate clock.
DIV5:DIV0 — Divisor for FLASH Clock Divider
The FLASH clock divider divides the bus rate clock (or the bus rate clock divided by 8 if PRDIV8 = 1)
by the value in the 6-bit DIV5:DIV0 field plus one. The resulting frequency of the internal FLASH
clock must fall within the range of 200 kHz to 150 kHz for proper FLASH operations. Program/Erase
timing pulses are one cycle of this internal FLASH clock which corresponds to a range of 5
µs to
6.7
µs. The automated programming logic uses an integer number of these pulses to complete an erase
or program operation.
Equation 1
if PRDIV8 = 0 — fFCLK = fBus ÷ ([DIV5:DIV0] + 1)
Equation 2
if PRDIV8 = 1 — fFCLK = fBus ÷ (8 × ([DIV5:DIV0] + 1))
Table 4-6 shows the appropriate values for PRDIV8 and DIV5:DIV0 for selected bus frequencies.
Bit 7
6
54321
Bit 0
Read:
DIVLD
PRDIV8
DIV5
DIV4
DIV3
DIV2
DIV1
DIV0
Write:
Reset:
0
0
000000
= Unimplemented or Reserved
Figure 4-4 FLASH Clock Divider Register (FCDIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com