Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 70 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 70 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 66Page - Motorola, Inc HCS08 Datasheet HTML 67Page - Motorola, Inc HCS08 Datasheet HTML 68Page - Motorola, Inc HCS08 Datasheet HTML 69Page - Motorola, Inc HCS08 Datasheet HTML 70Page - Motorola, Inc HCS08 Datasheet HTML 71Page - Motorola, Inc HCS08 Datasheet HTML 72Page - Motorola, Inc HCS08 Datasheet HTML 73Page - Motorola, Inc HCS08 Datasheet HTML 74Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 290 page
background image
Resets, Interrupts, and System Configuration
MC9S08GB/GT
70
MOTOROLA
The SRTISC register includes a read-only status flag, a write-only acknowledge bit, and a 3-bit control
value (RTIS2:RTIS1:RTIS0) used to disable the clock source to the real-time interrupt or select one of
seven wakeup delays between 8 ms and 1.024 seconds. The 1-kHz clock source and therefore the periodic
rates have a tolerance of about
±30 percent. The RTI has a local interrupt enable, RTIE, to allow masking
of the real-time interrupt. It can be disabled by writing 0:0:0 to RTIS2:RTIS1:RTIS0 so the clock source
is disabled and no interrupts will be generated. See 5.8.6 System Real-Time Interrupt Status and
Control Register (SRTISC) for detailed information about this register.
5.8 Reset, Interrupt, and System Control Registers and Control Bits
One 8-bit register in the direct page register space and eight 8-bit registers in the high-page register space
are related to reset and interrupt systems.
Refer to the direct-page register summary in the Memory section of this data sheet for the absolute address
assignments for all registers. This section refers to registers and control bits only by their names. A
Motorola-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
Some control bits in the SOPT and SPMSC2 registers are related to modes of operation. Although brief
descriptions of these bits are provided here, the related functions are discussed in greater detail in
Section 3 Modes of Operation.
5.8.1 Interrupt Pin Request Status and Control Register (IRQSC)
This direct page register includes two unimplemented bits which always read 0, four read/write bits, one
read-only status bit, and one write-only bit. These bits are used to configure the IRQ function, report status,
and acknowledge IRQ events.
Figure 5-2 Interrupt Request Status and Control Register (IRQSC)
IRQEDG — Interrupt Request (IRQ) Edge Select
This read/write control bit is used to select the polarity of edges or levels on the IRQ pin that cause
IRQF to be set. The IRQMOD control bit determines whether the IRQ pin is sensitive to both edges
and levels or just edges. When the IRQ pin is enabled as the IRQ input and is configured to detect rising
edges, the optional pullup resistor is reconfigured as an optional pulldown resistor.
1 = IRQ is rising edge or rising edge/high-level sensitive.
0 = IRQ is falling edge or falling edge/low-level sensitive.
Bit 7
654321
Bit 0
Read:
0
0
IRQEDG
IRQPE
IRQF
0
IRQIE
IRQMOD
Write:
IRQACK
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com