Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 90 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 90 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 86Page - Motorola, Inc HCS08 Datasheet HTML 87Page - Motorola, Inc HCS08 Datasheet HTML 88Page - Motorola, Inc HCS08 Datasheet HTML 89Page - Motorola, Inc HCS08 Datasheet HTML 90Page - Motorola, Inc HCS08 Datasheet HTML 91Page - Motorola, Inc HCS08 Datasheet HTML 92Page - Motorola, Inc HCS08 Datasheet HTML 93Page - Motorola, Inc HCS08 Datasheet HTML 94Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
90
MOTOROLA
6.3.3 FLL Engaged, Internal Clock (FEI) Mode
FLL engaged internal (FEI) is entered when any of the following conditions occur:
•
CLKS bits are written to 01
•
The DCO clock stabilizes (DCOS = 1) while in SCM upon exiting the off state with CLKS = 01
In FLL engaged internal mode, the reference clock is derived from the internal reference clock
ICGIRCLK, and the FLL loop will attempt to lock the ICGDCLK frequency to the desired value, as
selected by the MFD bits.
6.3.3.1 FLL Engaged Internal Unlocked
FEI unlocked is a temporary state that is entered when FEI is entered and the count error (
∆n) output from
the subtractor is greater than the maximum nunlock or less than the minimum nunlock, as required by the
lock detector to detect the unlock condition.
The ICG will remain in this state while the count error (
∆n) is greater than the maximum n
lock or less than
the minimum nlock, as required by the lock detector to detect the lock condition.
In this state the output clock signal ICGOUT frequency is given by fICGDCLK / R.
6.3.3.2 FLL Engaged Internal Locked
FLL engaged internal locked is entered from FEI unlocked when the count error (
∆n), which comes from
the subtractor, is less than nlock (max) and greater than nlock (min) for a given number of samples, as
required by the lock detector to detect the lock condition. The output clock signal ICGOUT frequency is
given by fICGDCLK / R. In FEI locked, the filter value is only updated once every four comparison cycles.
The update made is an average of the error measurements taken in the four previous comparisons.
6.3.4 FLL Bypassed, External Clock (FBE) Mode
FLL bypassed external (FBE) is entered when any of the following conditions occur:
•
From SCM when CLKS = 10 and ERCS is high
•
When CLKS = 10, ERCS = 1 upon entering off mode, and off is then exited
•
From FLL engaged external mode if a loss of DCO clock occurs and the external reference is still
valid (both LOCS = 1 and ERCS = 1)
In this state, the DCO and IRG are off and the reference clock is derived from the external reference clock,
ICGERCLK. The output clock signal ICGOUT frequency is given by fICGERCLK / R. If an external clock
source is used (REFS = 0), then the input frequency on the EXTAL pin can be anywhere in the range
0 MHz to 40 MHz. If a crystal or resonator is used (REFS = 1), then frequency range is either low for
RANGE = 0 or high for RANGE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com