Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 84 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 84 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 80Page - Motorola, Inc HCS08 Datasheet HTML 81Page - Motorola, Inc HCS08 Datasheet HTML 82Page - Motorola, Inc HCS08 Datasheet HTML 83Page - Motorola, Inc HCS08 Datasheet HTML 84Page - Motorola, Inc HCS08 Datasheet HTML 85Page - Motorola, Inc HCS08 Datasheet HTML 86Page - Motorola, Inc HCS08 Datasheet HTML 87Page - Motorola, Inc HCS08 Datasheet HTML 88Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 290 page
background image
Internal Clock Generator (ICG) Module
MC9S08GB/GT
84
MOTOROLA
•
Frequency-locked loop — A frequency-locked loop (FLL) stage takes either the internal or
external clock source and multiplies it to a higher frequency. Status bits provide information when
the circuit has achieved lock and when it falls out of lock. Additionally, this block can monitor the
external reference clock and signals whether the clock is valid or not.
•
Clock select block — The clock select block provides several switch options for connecting
different clock sources to the system clock tree. ICGDCLK is the multiplied clock frequency out of
the FLL, ICGERCLK is the reference clock frequency from the crystal or external clock source, and
FFE (fixed frequency enable) is a control signal used to control the system fixed frequency clock
(XCLK). ICGLCLK is the clock source for the background debug controller (BDC).
The module is intended to be very user friendly with many of the features occurring automatically without
user intervention. To quickly configure the module, go to Initialization/Application Information and
pick an example that best suits the application needs.
6.1.1 Features
Features of the ICG and clock distribution system:
•
Several options for the primary clock source allow a wide range of cost, frequency, and precision
choices:
–
32 kHz–100 kHz crystal or resonator
–
1 MHz–16 MHz crystal or resonator
–
External clock
–
Internal reference generator
•
Defaults to self-clocked mode to minimize startup delays
•
Frequency-locked loop (FLL) generates 8 MHz to 40 MHz (for bus rates up to 20 MHz)
–
Uses external or internal clock as reference frequency
•
Automatic lockout of non-running clock sources
•
Reset or interrupt on loss of clock or loss of FLL lock
•
Digitally-controlled oscillator (DCO) preserves previous frequency settings, allowing fast
frequency lock when recovering from stop3 mode
•
DCO will maintain operating frequency during a loss or removal of reference clock
•
Post-FLL divider selects 1 of 8 bus rate divisors (/1 through /128)
•
Separate self-clocked source for real-time interrupt
•
Trimmable internal clock source supports SCI communications without additional external
components
•
Automatic FLL engagement after lock is acquired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com