| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 35 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 35 Page - Motorola, Inc |
|
35 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 35 MC9S08GB/GT 3.6 Stop Modes One of three stop modes is entered upon execution of a STOP instruction when the STOPE bit in the system option register is set. In all stop modes, all internal clocks are halted. If the STOPE bit is not set when the CPU executes a STOP instruction, the MCU will not enter any of the stop modes and an illegal opcode reset is forced. The stop modes are selected by setting the appropriate bits in SPMSC2. Table 3-1 summarizes the behavior of the MCU in each of the stop modes. 3.6.1 Stop1 Mode The stop1 mode provides the lowest possible standby power consumption by causing the internal circuitry of the MCU to be powered down. To select entry into stop1 mode upon execution of a STOP instruction, the user must set the PDC bit in SPMSC2 and clear the PPDC bit in SPMSC2. When the MCU is in stop1 mode, all internal circuits that are powered from the voltage regulator are turned off. The voltage regulator is in a low-power standby state, as is the ATD. Exit from stop1 is done by asserting either of the wake-up pins on the MCU: RESET or IRQ. IRQ is always an active low input when the MCU is in stop1, regardless of how it was configured before entering stop1. Entering stop1 mode automatically asserts LVD. Stop1 cannot be exited until VDD >VLVDH/L rising (VDD must rise above the LVI rearm voltage). Upon wake-up from stop1 mode, the MCU will start up as from a power-on reset (POR). The CPU will take the reset vector. 3.6.2 Stop2 Mode The stop2 mode provides very low standby power consumption and maintains the contents of RAM and the current state of all of the I/O pins. To select entry into stop2 upon execution of a STOP instruction, the user must execute a STOP instruction while the PPDC and PDC bits in SPMSC2 are set. Table 3-1 Stop Mode Behavior Mode PDC PPDC CPU, Digital Peripherals, FLASH RAM ICG ATD Regulator I/O Pins RTI Stop1 1 0 Off Off Off Disabled (1) NOTES: 1. Either ATD stop mode or power-down mode depending on the state of ATDPU. Off Reset Off Stop2 1 1 Off Standby Off Disabled Standby States held Optionally on Stop3 0 Don’t care Standby Standby Off(2) 2. Crystal oscillator can be configured to run in stop3. Please see the ICG registers. Disabled Standby States held Optionally on |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |