| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 79 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 79 Page - Motorola, Inc |
|
79 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 79 MC9S08GB/GT PPDACK — Partial Power Down Acknowledge Writing a logic 1 to PPDACK clears the PPDF bit. PDC — Power Down Control The write-once PDC bit controls entry into the power down (stop2 and stop1) modes. 1 = Power down modes are enabled. 0 = Power down modes are disabled. PPDC — Partial Power Down Control The write-once PPDC bit controls which power down mode, stop1 or stop2, is selected. 1 = Stop2, partial power down, mode enabled if PDC set. 0 = Stop1, full power down, mode enabled if PDC set. |