Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 62 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 62 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 58Page - Motorola, Inc HCS08 Datasheet HTML 59Page - Motorola, Inc HCS08 Datasheet HTML 60Page - Motorola, Inc HCS08 Datasheet HTML 61Page - Motorola, Inc HCS08 Datasheet HTML 62Page - Motorola, Inc HCS08 Datasheet HTML 63Page - Motorola, Inc HCS08 Datasheet HTML 64Page - Motorola, Inc HCS08 Datasheet HTML 65Page - Motorola, Inc HCS08 Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 290 page
background image
Memory
MC9S08GB/GT
62
MOTOROLA
FBLANK — FLASH Verified as All Blank (erased) Flag
FBLANK is set automatically at the conclusion of a blank check command if the entire FLASH array
was verified to be erased. FBLANK is cleared by clearing FCBEF to write a new valid command.
Writing to FBLANK has no meaning or effect.
1 = After a blank check command is completed and FCCF = 1, FBLANK = 1 indicates the FLASH
array is completely erased (all $FF).
0 = After a blank check command is completed and FCCF = 1, FBLANK = 0 indicates the FLASH
array is not completely erased.
4.6.6 FLASH Command Register (FCMD)
Only five command codes are recognized in normal user modes as shown in Table 4-9. Refer to 4.4.3
Program and Erase Command Execution for a detailed discussion of FLASH programming and erase
operations.
All other command codes are illegal and generate an access error.
It is not necessary to perform a blank check command after a mass erase operation. Only blank check is
required as part of the security unlocking mechanism.
Bit 7
6
54321
Bit 0
Read:
0
0
000000
Write:
FCMD7
FCMD6
FCMD5
FCMD4
FCMD3
FCMD2
FCMD1
FCMD0
Reset:
0
0
000000
= Unimplemented or Reserved
Figure 4-9 FLASH Command Register (FCMD)
Table 4-9 FLASH Commands
Command
FCMD
Equate File Label
Blank check
$05
mBlank
Byte program
$20
mByteProg
Byte program — burst mode
$25
mBurstProg
Page erase (512 bytes/page)
$40
mPageErase
Mass erase (all FLASH)
$41
mMassErase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com